Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 93Page - ATMEL Corporation ATMEGA88 Datasheet HTML 94Page - ATMEL Corporation ATMEGA88 Datasheet HTML 95Page - ATMEL Corporation ATMEGA88 Datasheet HTML 96Page - ATMEL Corporation ATMEGA88 Datasheet HTML 97Page - ATMEL Corporation ATMEGA88 Datasheet HTML 98Page - ATMEL Corporation ATMEGA88 Datasheet HTML 99Page - ATMEL Corporation ATMEGA88 Datasheet HTML 100Page - ATMEL Corporation ATMEGA88 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 349 page
background image
97
ATmega48/88/168
2545D–AVR–07/04
Table 49 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Fast PWM
Mode” on page 91 for more details.
Table 50 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 92 for more details.
• Bits 3, 2 – Res: Reserved Bits
These bits are reserved bits in the ATmega48/88/168 and will always read as zero.
• Bits 1:0 – WGM01:0: Waveform Generation Mode
Combined with the WGM02 bit found in the TCCR0B Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 51. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
Match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes (see
“Modes of Operation” on page 90).
Table 49. Compare Output Mode, Fast PWM Mode
(1)
COM0B1
COM0B0
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved
1
0
Clear OC0B on Compare Match, set OC0B at TOP
1
1
Set OC0B on Compare Match, clear OC0B at TOP
Table 50. Compare Output Mode, Phase Correct PWM Mode(1)
COM0B1
COM0B0
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved
1
0
Clear OC0B on Compare Match when up-counting. Set OC0B on
Compare Match when down-counting.
1
1
Set OC0B on Compare Match when up-counting. Clear OC0B on
Compare Match when down-counting.
Table 51. Waveform Generation Mode Bit Description
Mode
WGM02
WGM01
WGM00
Timer/Count
er Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)(2)
0
0
0
0
Normal
0xFF
Immediate
MAX
1
0
0
1
PWM, Phase
Correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCRA
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
TOP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com