Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 12Page - ATMEL Corporation ATMEGA88 Datasheet HTML 13Page - ATMEL Corporation ATMEGA88 Datasheet HTML 14Page - ATMEL Corporation ATMEGA88 Datasheet HTML 15Page - ATMEL Corporation ATMEGA88 Datasheet HTML 16Page - ATMEL Corporation ATMEGA88 Datasheet HTML 17Page - ATMEL Corporation ATMEGA88 Datasheet HTML 18Page - ATMEL Corporation ATMEGA88 Datasheet HTML 19Page - ATMEL Corporation ATMEGA88 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 349 page
background image
16
ATmega48/88/168
2545D–AVR–07/04
Figure 9. Program Memory Map, ATmega88 and ATmega168
SRAM Data Memory
Figure 10 shows how the ATmega48/88/168 SRAM Memory is organized.
The ATmega48/88/168 is a complex microcontroller with more peripheral units than can
be supported within the 64 locations reserved in the Opcode for the IN and OUT instruc-
tions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used.
The lower 768/1280/1280 data memory locations address both the Register File, the I/O
memory, Extended I/O memory, and the internal data SRAM. The first 32 locations
address the Register File, the next 64 location the standard I/O memory, then 160 loca-
tions of Extended I/O memory, and the next 512/1024/1024 locations address the
internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Dis-
placement, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In
the Register File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base
address given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-
increment, the address registers X, Y, and Z are decremented or incremented.
The 32 general purpose working registers, 64 I/O Registers, 160 Extended I/O Regis-
ters, and the 512/1024/1024 bytes of internal data SRAM in the ATmega48/88/168 are
all accessible through all these addressing modes. The Register File is described in
“General Purpose Register File” on page 10.
0x0000
0x0FFF/0x1FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com