Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 21Page - ATMEL Corporation ATMEGA88 Datasheet HTML 22Page - ATMEL Corporation ATMEGA88 Datasheet HTML 23Page - ATMEL Corporation ATMEGA88 Datasheet HTML 24Page - ATMEL Corporation ATMEGA88 Datasheet HTML 25Page - ATMEL Corporation ATMEGA88 Datasheet HTML 26Page - ATMEL Corporation ATMEGA88 Datasheet HTML 27Page - ATMEL Corporation ATMEGA88 Datasheet HTML 28Page - ATMEL Corporation ATMEGA88 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 349 page
background image
25
ATmega48/88/168
2545D–AVR–07/04
Asynchronous Timer Clock –
clk
ASY
The Asynchronous Timer clock allows the Asynchronous Timer/Counter to be clocked
directly from an external clock or an external 32 kHz clock crystal. The dedicated clock
domain allows using this Timer/Counter as a real-time counter even when the device is
in sleep mode.
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and
I/O clocks in order to reduce noise generated by digital circuitry. This gives more accu-
rate ADC conversion results.
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as
shown below. The clock from the selected source is input to the AVR clock generator,
and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
Default Clock Source
The device is shipped with internal RC oscillator at 8.0MHz and with the fuse CKDIV8
programmed, resulting in 1.0MHz system clock. The startup time is set to maximum and
time-out period enabled. (CKSEL = "0010", SUT = "10", CKDIV8 = "0"). The default set-
ting ensures that all users can make their desired clock source setting using any
available programming interface.
Clock Startup Sequence
Any clock source needs a sufficient V
CC to start oscillating and a minimum number of
oscillating cycles before it can be considered stable.
To ensure sufficient V
CC, the device issues an internal reset with a time-out delay (tTOUT)
after the device reset is released by all other reset sources. “System Control and Reset”
on page 40 describes the start conditions for the internal reset. The delay (t
TOUT) is
timed from the Watchdog Oscillator and the number of cycles in the delay is set by the
SUTx and CKSELx fuse bits. The selectable delays are shown in Table 5. The fre-
qu en cy o f th e Wa tchd og Osc i llat o r is voltag e dep en de nt a s sh own in
“ATmega48/88/168 Typical Characteristics – Preliminary Data” on page 298.
Main purpose of the delay is to keep the AVR in reset until it is supplied with minimum
V
CC. The delay will not monitor the actual voltage and it will be required to select a delay
Table 4. Device Clocking Options Select(1)
Device Clocking Option
CKSEL3..0
Low Power Crystal Oscillator
1111 - 1000
Full Swing Crystal Oscillator
0111 - 0110
Low Frequency Crystal Oscillator
0101 - 0100
Internal 128 kHz RC Oscillator
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001
Table 5. Number of Watchdog Oscillator Cycles
Typ Time-out (V
CC = 5.0V)
Typ Time-out (V
CC = 3.0V)
Number of Cycles
0 ms
0 ms
0
4.1 ms
4.3 ms
4K (4,096)
65 ms
69 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com