Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA88 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 84Page - ATMEL Corporation ATMEGA88 Datasheet HTML 85Page - ATMEL Corporation ATMEGA88 Datasheet HTML 86Page - ATMEL Corporation ATMEGA88 Datasheet HTML 87Page - ATMEL Corporation ATMEGA88 Datasheet HTML 88Page - ATMEL Corporation ATMEGA88 Datasheet HTML 89Page - ATMEL Corporation ATMEGA88 Datasheet HTML 90Page - ATMEL Corporation ATMEGA88 Datasheet HTML 91Page - ATMEL Corporation ATMEGA88 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 349 page
background image
88
ATmega48/88/168
2545D–AVR–07/04
Figure 30. Output Compare Unit, Block Diagram
The OCR0x Registers are double buffered when using any of the Pulse Width Modula-
tion (PWM) modes. For the normal and Clear Timer on Compare (CTC) modes of
operation, the double buffering is disabled. The double buffering synchronizes the
update of the OCR0x Compare Registers to either top or bottom of the counting
sequence. The synchronization prevents the occurrence of odd-length, non-symmetrical
PWM pulses, thereby making the output glitch-free.
The OCR0x Register access may seem complex, but this is not case. When the double
buffering is enabled, the CPU has access to the OCR0x Buffer Register, and if double
buffering is disabled the CPU will access the OCR0x directly.
Force Output Compare
In non-PWM waveform generation modes, the match output of the comparator can be
forced by writing a one to the Force Output Compare (FOC0x) bit. Forcing compare
match will not set the OCF0x Flag or reload/clear the timer, but the OC0x pin will be
updated as if a real compare match had occurred (the COM0x1:0 bits settings define
whether the OC0x pin is set, cleared or toggled).
Compare Match Blocking by
TCNT0 Write
All CPU write operations to the TCNT0 Register will block any compare match that
occur in the next timer clock cycle, even when the timer is stopped. This feature allows
OCR0x to be initialized to the same value as TCNT0 without triggering an interrupt when
the Timer/Counter clock is enabled.
Using the Output Compare
Unit
Since writing TCNT0 in any mode of operation will block all compare matches for one
timer clock cycle, there are risks involved when changing TCNT0 when using the Output
Compare Unit, independently of whether the Timer/Counter is running or not. If the
value written to TCNT0 equals the OCR0x value, the compare match will be missed,
resulting in incorrect waveform generation. Similarly, do not write the TCNT0 value
equal to BOTTOM when the counter is downcounting.
The setup of the OC0x should be performed before setting the Data Direction Register
for the port pin to output. The easiest way of setting the OC0x value is to use the Force
Output Compare (FOC0x) strobe bits in Normal mode. The OC0x Registers keep their
values even when changing between Waveform Generation modes.
OCFnx (Int.Req.)
= (8-bit Comparator )
OCRnx
OCnx
DATA BUS
TCNTn
WGMn1:0
Waveform Generator
top
FOCn
COMnx1:0
bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com