Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 25Page - National Semiconductor (TI) DS3875 Datasheet HTML 26Page - National Semiconductor (TI) DS3875 Datasheet HTML 27Page - National Semiconductor (TI) DS3875 Datasheet HTML 28Page - National Semiconductor (TI) DS3875 Datasheet HTML 29Page - National Semiconductor (TI) DS3875 Datasheet HTML 30Page - National Semiconductor (TI) DS3875 Datasheet HTML 31Page - National Semiconductor (TI) DS3875 Datasheet HTML 32Page - National Semiconductor (TI) DS3875 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
Arbitration Controller Internal Register Bit Changes
TABLE III Restricted Mode Arbitration or Unrestricted Mode Arbitration
(One Pass or Second Pass of Two Pass)
Modules Category
during Arbitration
TXCN1
RR
(Note 1)
All Bits
STATE
STATUS
RXCN0
All Bits
RXCN1
RXMSG
A(07)
Reset Set
CLRERI
Reset Set
CLRMGI
CLRPFI
(Note 2)
W
C
M
U(04) RR PO P1
Competitor
5
X
1 2 0 1
5
3
3
3
3
3
X 4
X 5
By-Stander
5
X
1
0
5
3
3
3
3
3
X 4
X 5
Sending Message
X
1 2 0 1
3
X 4
X 5
Receiving Message
X
1
0 1
3
X 4
X 5
Pre-Emption
X
3
3
3
3
IBA
5
X
5
3
3
3
3
3
X 4
X 5
(Note 4)
(Note 5)
Parking
(Note 3)
Note
The number shown within the box defines the arbitration phase where the particular bit may change state
Note 1
Note that the STATE Register is updated in each Phase of Arbitration
Note 2
This is the new Masters Competition Number
Note 3
Parking is only a Phase 0 event
Note 4
The RR bit is only updated on the New Master
Note 5
The M bit is updated if IBA succeeded during Restricted Mode or Unrestricted Mode (One Pass or the First Pass of Two Pass Arbitration)
‘‘X’’ means that any Phase can update this bit (or bits)
‘‘’’ is used in the table to depict the condition where a particular Status bit is Reset and where it is Set (Ex 0 1 means that this Status bit is Reset in Phase 0 and
Set in Phase 1)
‘‘–’’ is used in the table to depict the condition where a particular Status bit may change within several sequential phases (Ex 2–4 means that this Status bit can
change in Phases 2 3 or 4)
TABLE IV Unrestricted Mode First Pass of Two Pass Arbitration
Modules Category
during Arbitration
TXCN1
RR
(Note 1)
All Bits
State
Status
(Note 2)
RXCN0
All Bits
RXCN1
RXMSG
A(07)
Reset Set
CLRERI
Reset Set
CLRMGI
CLRPFI
W
C
M
U(04)
RR
PO
P1
Competitor
X
1 2
0 1
3
X 4
X 5
By-Stander
X
1
0
3
X 4
X 5
Sending Message
X
1 2
0 1
X 4
X 5
Receiving Message
X
1
0 1
X 4
X 5
Pre-emption
X
3
IBA
X
5
3
X 4
X 5
Parking (Note 3)
Note
The Number shown within the box defines the arbitration phase where the particular bit may change state
Note 1
Note that the STATE Register is updated in each Phase of Arbitration
Note 2
This is the new Masters Competition Number
Note 3
Parking is only a Phase 0 event
Note
‘‘X’’ means that any Phase can update this bit (or bits)
Note
‘‘’’ is used in the table to depict the condition where a particular Status bit is Reset and where it is Set (Ex 0 1 means that this Status bit is Reset in Phase 0
and Set in Phase 1)
Note
‘‘-‘‘ is used in the table to depict the condition where a particular Status bit may change within several sequential phases (Ex 2-4 means that this Status bit
can change in Phases 2 3 or 4)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com