Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 39Page - National Semiconductor (TI) DS3875 Datasheet HTML 40Page - National Semiconductor (TI) DS3875 Datasheet HTML 41Page - National Semiconductor (TI) DS3875 Datasheet HTML 42Page - National Semiconductor (TI) DS3875 Datasheet HTML 43Page - National Semiconductor (TI) DS3875 Datasheet HTML 44Page - National Semiconductor (TI) DS3875 Datasheet HTML 45Page - National Semiconductor (TI) DS3875 Datasheet HTML 46Page - National Semiconductor (TI) DS3875 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
140 Electrical Characteristics
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
65V
Control Input Voltage
55V
Power Dissipation at 70 C
06W
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
260 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage VDD
45
55
V
Operating Free Air Temperature
0
70
C
ESD Tolerance
CZAP e 120 pF RZAP e 1500X
2kV
Electrical Characteristics (Notes 2 and 3) TA e 0 Cto a70 C VCC e 5V g10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Minimum Input High Voltage
28
V
VIL
Minimum Input Low Voltage
08
V
VOH
Voltage Output High
IOH IOL for Several Drivers
24
32
V
ie IOL 4mA
VOL
Voltage Output Low
IOH IOL for Several Drivers
035
05
V
ie IOL 8mA
II
Input Leakage Current
Input at VDD or VSS
b
10
10
m
A
IIH
Input High Current
Input at VIH
10
m
A
IIL
Input Low Current
Input at VIL
b
10
m
A
IDD
Supply Current
Dynamic Supply Current
100
mA
ICC
Static Supply Current
Input at Standby
30
mA
Note 1
‘‘Absolute maximum ratings’’ are those beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device should be
operated at these limits The table of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
All currents into device pins are positive all currents out of device pin are negative All voltages are referenced to device ground unless otherwise
specified
Note 3
All typicals are given for VDD e 5V and TA e 25 C
150 AC Parameters
Legend to AC Parameter Number Assignments
Parameter
Description
Number
t000 – t099
Phase 0
t100 – t199
Phase 1
t200 – t299
Phase 2
t300 – t399
Phase 3
t400 – t499
Phase 4
t500 – t599
Phase 5
tAXX
Reset Initialization
tBXX
Register Access Data Port
tCXX
Register Access CN Port - Input
tDXX
Clearing Interrupts
tEXX
FIFO Strobe
tFXX
WIN
GT Valid
tGXX
Message Signals
tHXX
Busrequest Busgrant End of Tenure
tJXX
Locked Unlock Handshake Signals
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com