Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3875 Datasheet HTML 1Page - National Semiconductor (TI) DS3875 Datasheet HTML 2Page - National Semiconductor (TI) DS3875 Datasheet HTML 3Page - National Semiconductor (TI) DS3875 Datasheet HTML 4Page - National Semiconductor (TI) DS3875 Datasheet HTML 5Page - National Semiconductor (TI) DS3875 Datasheet HTML 6Page - National Semiconductor (TI) DS3875 Datasheet HTML 7Page - National Semiconductor (TI) DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Pin Definition
Pin
of Pins
Type
Description
SIGNAL TOFROM THE HANDSHAKE TRANSCEIVER
APO
1
O
Arbitration handshake signal from the controller
AQO
1
O
Arbitration handshake signal from the controller
ARO
1
O
Arbitration handshake signal from the controller
AC0O
1
O
Arbitration condition signal from the controller
AC1O
1
O
Arbitration condition signal from the controller
API
1
I
Arbitration handshake signal from Futurebusa This signal is the filtered and inverted version
of the Futurebusa backplane signal AP
AQI
1
I
Arbitration handshake signal from Futurebusa This signal is the filtered and inverted version
of the Futurebusa backplane signal AQ
ARI
1
I
Arbitration handshake signal from Futurebusa This signal is the filtered and inverted version
of the Futurebusa backplane signal AR
AC0I
1
I
Arbitration condition signal from Futurebusa
AC1I
1
I
Arbitration condition signal from Futurebusa
SIGNAL TOFROM THE ARBITRATION TRANSCEIVER
(Note These pins are mapped tofrom the DS3885 Futurebusa
Arbitration Transceiver)
CN(70)
8
IO
The bus to carry competition number tofrom the arbitration transceiver
CNp
1
O
Parity bit of the competition number
CMPT
1
O
Enables the Arbitration number onto Futurebusa
AB
RE
1
O
Direction control for the competition number bus tofrom the transceiver
CN
LE
1
O
Latch enable for latching the Arbitration number from the controller into the transceiver
PER
1I
PARITY ERROR
Indicates that a parity error was detected on the winner’s arbitration number
WIN
GT
1
I
Win signal when competinggreater than signal when not competing (used to preempt)
ALL1
1
I
Indicates that all the arbitration number lines on the bus are asserted (used for messages)
SIGNALS TOFROM THE PARALLEL PROTOCOL CONTROLLER
BRQ
1I
BUS REQUEST
Indicates to the controller to acquire the bus for the module’s use
BGRNT
1O
BUS GRANT
Signal asserted by the controller after the detection of a bus request The
module can start using the bus
RINT
1
I
Will put the arbitration controller in phase 0 and release all the bus lines except AR
A
selective reset is performed The rising edge will release controller from phase 0 This reset is
to be used for bus initialization
RST
1
I
Reset signal from the host An internal reset is performed All bus signals are released The
rising edge will put the controller in phase 0 (same as power-up reset)
HALT
1
I
Will halt the arbitration controller in phase 0 This signal is for use during live insertion
ENDT
1I
END OF TENURE
Indicates the true end of bus tenure of the current master This line may be
asserted only after all the parallel protocol lines are released (Generated via external logic
from BRQ released)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com