Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 42Page - National Semiconductor (TI) DS3875 Datasheet HTML 43Page - National Semiconductor (TI) DS3875 Datasheet HTML 44Page - National Semiconductor (TI) DS3875 Datasheet HTML 45Page - National Semiconductor (TI) DS3875 Datasheet HTML 46Page - National Semiconductor (TI) DS3875 Datasheet HTML 47Page - National Semiconductor (TI) DS3875 Datasheet HTML 48Page - National Semiconductor (TI) DS3875 Datasheet HTML 49Page - National Semiconductor (TI) DS3875 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
150 AC Parameters (Continued)
AC Timing Parameters Unless otherwise stated TA e 0 Cto a70 C VCC e 5V g10% (Continued)
All transitions are specified after the input signals are stable and valid for evaluation This table will describe the
parameters as given in the following pages All values are given in nanoseconds (ns) unless otherwise stated
Number
Symbol
Parameter Description
Min Typ Max
tE2
tFSTABRD AB RE High Time with Respect to FSTR
60
tF1
tWINALL1 ALL1 Asserted with Respect to WIN
GT
5
tF2
tWINPER
PER Asserted with Respect to WIN
GT
5
tG1
tMGXN
MGRQ Negated to MGTX Negated
14
22
tH2
tEDBGN
ENDT Asserted to BGRNT Negated
17
25
tJ1
tLKULKN
LKD Negated to UNLK Negated
12
18
Phase 0 Timing
A Transitioning Into and Out of Phase 0
TLH10747 – 31
B Parking (Assume IBA
PK )
TLH10747 – 32
C Negating AC10 and AC00 When Entering Phase 0
TLH10747 – 33
D Another Module Initiating Competition
TLH10747 – 34
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com