Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 32Page - National Semiconductor (TI) DS3875 Datasheet HTML 33Page - National Semiconductor (TI) DS3875 Datasheet HTML 34Page - National Semiconductor (TI) DS3875 Datasheet HTML 35Page - National Semiconductor (TI) DS3875 Datasheet HTML 36Page - National Semiconductor (TI) DS3875 Datasheet HTML 37Page - National Semiconductor (TI) DS3875 Datasheet HTML 38Page - National Semiconductor (TI) DS3875 Datasheet HTML 39Page - National Semiconductor (TI) DS3875 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
70 Register Description (Continued)
76 CTRL2
(ADD(30) e 0100)
Control register 2 This register stores two parameters FS
(FastSlow) and DS
(RestrictedUnrestricted) that configure the
controller to operate in the chosen mode PD(53) selects one of eight delays for the fast module and PD(20) selects one of
eight delays for the slow module Defaults to h 00
7
6
543210
F
S
R
U
PD5
PD4
PD3
PD2
PD1
PD0
Bit
Symbol
Description
0 – 5
PD0 – PD5
Programs the arbitration delay that is timed in a competition These bits give a total of
16 selectable delays 8 fast and 8 slow PD0 – PD2 select the slow module’s delay and
PD3 – PD5 select the fast module’s delay
(PD5 PD4 PD3)
Fast
(PD2 PD1 PD0)
Slow
000
100
000
125
001
120
001
165
010
145
010
210
011
165
011
255
100
190
100
300
101
210
101
345
110
235
110
385
111
255
111
430
6R
U
R
U
RestrictedUnrestricted
0
Configures the controller to arbitrate in unrestricted mode
1
Configures the controller to arbitrate in restricted mode
7F
S
F
S
FastSlow
0
Configures the controller as a slow module
1
Configures the controller as a fast module
77 CTRL3
(ADD(30) e 0101)
Defaults to h 00
76
5
4
3
2
1
0
TCSEL
IBA
PK
NCN
ND
S
NGO
D
S
G0
Bit
Symbol
Description
0
GO
GO Bit
1
indicates that all the required initialization is complete and the controller may accept
requests
0
the controller will follow the normal flow of arbitration along with other modules
(bystander)
1D
S
D
S
DoubleSingle
0
Configures the controller to arbitrate in a single pass arbitration mode
1
Configures the controller to arbitrate in a two pass arbitration mode
2
NGO
A ‘‘one’’ indicates that a new GO bit has been loaded This bit is reset automatically when the new
GO bit takes effect To be set by the user when the GO bit is changed
3ND
S
A ‘‘one’’ indicates that a new D
S bit has been loaded This bit is reset automatically when the new
D
S bit takes effect To be set by the user when the D
S bit is changed
4
NCN
A ‘‘one’’ indicates that a new CN has been loaded This bit is reset automatically when the new CN
takes effect This bit is set internally when TXCN1 is accessed while the GO bit is set
5
IBA
PK
Idle Bus ArbitrationParking
1
Configures the controller to do Idle Bus Arbitration
0
Configures the controller to do Parking
6
TCSEL
A ‘‘one’’ indicates that a test clock is being fed through the CLK pin to test the timers and counters in
the controller
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com