Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 20Page - National Semiconductor (TI) DS3875 Datasheet HTML 21Page - National Semiconductor (TI) DS3875 Datasheet HTML 22Page - National Semiconductor (TI) DS3875 Datasheet HTML 23Page - National Semiconductor (TI) DS3875 Datasheet HTML 24Page - National Semiconductor (TI) DS3875 Datasheet HTML 25Page - National Semiconductor (TI) DS3875 Datasheet HTML 26Page - National Semiconductor (TI) DS3875 Datasheet HTML 27Page - National Semiconductor (TI) DS3875 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
50 Arbitrating for Futurebusa (Continued)
TLH10747 – 17
FIGURE 7b Phase 1 Arbitration State Diagram
Note 1
Idle Bus Arbitration during Phase 1 is not an internal state of the Arbitration Controller It is shown in this state diagram only to give a better understanding
of Phase 1 arbitration
Note 2
One bit on the parallel data bus is driven by external logic (the arbitration controller only drives the IBA
CMPT output) only if IBA is supported by the
module Note that the arbitration controller does not require AS
DS
DI
external logic will require these conditions (from the Futurebusa specification)
Note 3
If a module does not want IBA to select a new master external logic around the arbitration controller will drive di
This transition is shown in this diagram
to allow a clearer understanding of how IBA relates to normal arbitration
Note 4
Competing e ‘‘ BRQ a
MGRQ a Dummy Cycle’’ W e W bit of STATUS register
Note 5
These Requests must have occurred before APO was asserted or they will not compete until the next arbitration cycle
Note 6
The possible metastable condition of ‘‘( BRQ a MGRQ a Dummy Cycle) occurring at the same time as API’’ must be resolved before driving ARO
Note 7
All conditions shown above the Phase 1 state must be completed before driving ARO
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com