Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 16Page - National Semiconductor (TI) DS3875 Datasheet HTML 17Page - National Semiconductor (TI) DS3875 Datasheet HTML 18Page - National Semiconductor (TI) DS3875 Datasheet HTML 19Page - National Semiconductor (TI) DS3875 Datasheet HTML 20Page - National Semiconductor (TI) DS3875 Datasheet HTML 21Page - National Semiconductor (TI) DS3875 Datasheet HTML 22Page - National Semiconductor (TI) DS3875 Datasheet HTML 23Page - National Semiconductor (TI) DS3875 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
50 Arbitrating for Futurebusa (Continued)
C Multiple Accesses AS
CANCEL Timing Diagram (AS is latched before being input to the AS
CANCEL
input of the Arbitration Controller At the end of the last transfer the latch is reset)
TLH10747 – 14
D Multiple Accesses AS
CANCEL Timig Diagram (AS is tied directly to the AS
CANCEL input
of the Arbitration Controller The Master must guarantee that the second transfer or ENDT
will come within
1 ms of the falling edge of the initial transfer AS signal)
TLH10747 – 15
FIGURES 6c 6d Timing of the AS
CANCEL Signal
551 Phase 0 Idle Phase
This Phase is characterized by AP released and AR as-
serted on Futurebusa and AQf negated on the module
board See
Figure 7a for the DS3875 Arbitration Controller
Phase 0 state diagram
The arbitration controller will be negating APO asserting
ARO and be receiving AQI negated This is the state of the
arbitration synchronization lines when no control acquisition
cycle is in progress or between the two control acquisition
cycles of a two-pass arbitration sequence
While in Phase 0 the following actions are performed
1 If
HALT is asserted the arbitration controller will not
transition to Phase 1 until HALT is negated
2 If any of the ‘‘New Bits’’ are set (NCN NGO NDS) the
corresponding internal arbitration controller registers will
be updated and then the ‘‘New Bits’’ will be reset
3 The arbitration condition lines (AC1
AC0 ) will be nega-
ted
One of the following three types of arbitration may occur
during Phase 0
1 Normal arbitration
2 Idle Bus Arbitration (IBA)
3 Parking
5511 Phase 0 Normal Arbitration Events That Cause a
Transition to Phase 1
There are five conditions during normal arbitration where
APO will be asserted causing a transition to Phase 1
1 If Two-Pass Arbitration is selected a bus request has
been received ( BRQ
a
MGRQ
a
Dummy Cycle)
and this module was a winner during the first pass of
arbitration then APO will be asserted
2 Though this module may not be requesting Futurebusa
another module may want to arbitrate for Futurebusa
and assert AP
This action will cause the AP input (API)
on this module to be asserted API asserted will cause
this modules arbitration controller to assert APO
3 If this module is currently the master and LK is assert-
ed BGRNT is negated
ENDT has been received no
other requests have been received and API is negated
the module will initiate a dummy cycle to unlock its re-
sources by asserting APO (if it is doing Single Pass or the
First Pass of Two-Pass Arbitration)
4 A message request ( MGRQ ) will cause APO to be as-
serted (if it is doing Single Pass or the First Pass of Two-
Pass Arbitration)
Note that if both a bus request
( BRQ ) and
MGRQ
are received during phase 0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com