| Electronic Components Datasheet Search |
|
DS3875 Datasheet(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS3875 Datasheet(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 58 page ![]() 50 Arbitrating for Futurebusa (Continued) 521 Priority Field (PR) The priority field represents a module’s priority class which is determined by the system designer In the unrestricted mode the length of this field is a maximum of eight bits while in the restricted mode it is two bits 522 Round Robin Field (RR) This field is represented by a single bit CN5 in both modes of operation The round robin protocol ensures that all mod- ules in the same priority class have fair and equal access of the bus A module is allowed to get tenure of the bus in a sequence defined by its value in the unique field The round robin bit is adjusted by the Arbitration Controller each time a transfer of tenure occurs in the module’s same priority class whether or not the module is competing in the control acquisition cycle In the module’s same priority class the round robin bit is set when tenure of the bus is transferred to a module with a larger unique field value or the round robin bit is cleared when tenure of the bus is transferred to a module with a lesser unique field value In the event where the module’s arbitration number is changed after the next control acquisition cycle the round robin bit is adjusted accordingly 523 Unique Field (U) The five bit unique field CN(4 0) guarantees the unique- ness of the module’s arbitration number The unique num- ber may correspond to the module’s geographical address or may be allocated by the system designer as he chooses while also in such a way that minimizes the arbitration set- tling time The value ‘‘11111’’ is not allowed in systems us- ing arbitration messages 53 ARBITRATION CATEGORIES A module can be in one of six categories when a control acquisition cycle is in progress Competitor for the Parallel bus Competitor to send a message By-Stander By-Stander who decides to invoke Pre-emption Master Master Elect 531 Competitor for the Parallel Bus A Module may become a competitor for the parallel bus if it issues a Bus Request ( BRQ ) to the arbitration controller before the arbitration cycle Phase 1 starts see Figure 5a If the module issues a bus request and the arbitration cycle is in phase 0 the controller will assert APO to start an arbi- tration competition If an arbitration competition has already started and the module’s bus request comes prior to API being asserted on the arbitration bus the module may enter this arbitration cycle If an arbitration competition has al- ready started and the module’s bus request comes after AP being asserted on the arbitration bus the module will have to wait until the next arbitration cycle to compete (or pre-empt the current arbitration cycle in Phase 3) TABLE II Arbitration Number Bit CN7 CN6 CN5 CN4 CN3 CN2 CN1 CN0 Unrestricted ModeSingle Pass Pass 1 1 PR0 RR U4 U3 U2 U1 U0 Unrestricted ModeTwo Pass Pass 1 0 PR7 PR6 PR5 PR4 PR3 PR2 PR1 Pass 2 1 PR0 RR U4 U3 U2 U1 U0 Restricted Mode Pass 1 PR1 PR0 RR U4 U3 U2 U1 U0 Arbitration Message Pass 1 11111111 Pass 2 a7 a6 a5 a4 a3 a2 a1 a0 14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |