Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 41Page - National Semiconductor (TI) DS3875 Datasheet HTML 42Page - National Semiconductor (TI) DS3875 Datasheet HTML 43Page - National Semiconductor (TI) DS3875 Datasheet HTML 44Page - National Semiconductor (TI) DS3875 Datasheet HTML 45Page - National Semiconductor (TI) DS3875 Datasheet HTML 46Page - National Semiconductor (TI) DS3875 Datasheet HTML 47Page - National Semiconductor (TI) DS3875 Datasheet HTML 48Page - National Semiconductor (TI) DS3875 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
150 AC Parameters (Continued)
AC Timing Parameters Unless otherwise stated TA e 0 Cto a70 C VCC e 5V g10% (Continued)
All transitions are specified after the input signals are stable and valid for evaluation This table will describe the
parameters as given in the following pages All values are given in nanoseconds (ns) unless otherwise stated
Number
Symbol
Parameter Description
Min Typ Max
t401
tAC1IAR
AC1I Asserted to ARO Asserted
12
21
t403
tCANAC1
AS
Cancel Asserted to AC1O Asserted
7
19
t405
tARIO
ARI Asserted to ARO Asserted
14
19
t407
tEDAR
ENDT Asserted to ARO Asserted
15
25
t500
tARBG
ARO Asserted to BGRNT Asserted
7
12
t501
tOAQ
BGRNT
MGTX
UNLK or any Interrupt Asserted to AQO Negated
5
7
t502
tARFTR
ARO Asserted to FSTR Negated
5
8
t503
tARIBC
ARO Asserted to IBA
CMPT Negated
5
8
t504
tARABSA
ARO Asserted to MGTX
UNLK or any Interrupt Asserted
5
9
tA1
tRSTPW
RST Pulse Width
50
50
tA2
tRSTRE
Output Reset Time
30
45
tA3
tRSTAR
RST Negated to ARO Asserted
15
25
tA4
tRINTPW
RINT Pulse Width
50
50
tA5
tRINTRE
Output Initialization Reset Time
30
45
tB1
tCSPW
CS Pulse Width
35
tB2
tCSPWN
CS Recovery Time
15
tB3
tCSDKA
CS Asserted to DSACK Asserted
12
18
tB4
tADDS
ADD (30) Setup Time
52
tB5
tADDH
ADD (30) Hold Time
65
tB6
tCSDKN
CS Negated to DSACK Negated
7
12
tB7
tRWS
R
W Setup Time
0
tB8
tSELS
SEL Setup Time
0
tB10
tDATASDK Data (70) Setup Time with Respect to DSACK
24
15
tB11
tDATAHDK Data (70) Hold Time with Respect to DSACK
00
tB12
tSELH
SEL Hold Time
3
tB24
tDATASCS Data (70) Setup Time with Respect to CS Negated
15
6
tB25
tDATAHCS Data (70) Hold Time with Respect to CS Negated
5
5
tB27
tDATALZ
Data (70) Low Z Time
14
22
tB28
tDATAV
Data (70) Valid Time before DSACK
tB29
tDATAA
Data (70) Access Time with Respect to CS Asserted
22
30
tB30
tDATAHRC Data (70) Hold Time
610
tB31
tDATAHZ
Data (70) Hi – Z Time
12
25
tC2
tABRDCNZ AB RE Negated to CN (70) TRI-STATE
0
0
tD1
tCSXINTN
CS Asserted to any Interrupt Negated
22
36
tE1
tFSTR
FSTR Recovery Time
80
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com