Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 5Page - National Semiconductor (TI) DS3875 Datasheet HTML 6Page - National Semiconductor (TI) DS3875 Datasheet HTML 7Page - National Semiconductor (TI) DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) DS3875 Datasheet HTML 10Page - National Semiconductor (TI) DS3875 Datasheet HTML 11Page - National Semiconductor (TI) DS3875 Datasheet HTML 12Page - National Semiconductor (TI) DS3875 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
30 Introduction to DS3875
Arbitration Controller (Continued)
CTRL2
7
6
5432
1
0
F
S
R
U
PD5
PD4
PD3
PD2
PDl
PD0
During the competition cycle if any module has selected the
slow mode of operation AC0 is asserted during phase 1
for indication to all modules to operate in the slow mode
Thus each arbitration cycle will determine whether the pro-
grammed fast delay value or the programmed slow delay
value is used for the arbitration number settling time delay
The range of values in the fast and slow delay tables are
very close to each other and in some cases are exactly the
same that the desired delay value can be easily chosen
The DS3875 is in complete accordance with 8961 since
AC0 signal now only is evaluated in phase 3 4 and 5 and
the tA number is individually determined for each number
Idle Bus Arbitration
Previously the Futurebusa specification allowed idle bus
arbitration Idle Bus Arbitration (IBA) gives a module quick
access to Futurebusa when the current master has com-
pleted it’s transfers IBA occurs on the parallel highway
AD 310 lines When the arbitration cycle is in phase 0 and
the master module is not carrying out transactions another
module initiates normal arbitration and IBA simultaneously
In IBA each module is assigned a particular AD 310 bit to
assert if a module wishes to get tenure of the bus If more
then one module asserts a bit onto the addressdata lines
then normal arbitration on the arbitration bus lines will deter-
mine the new master If only one module asserted a bit on
the addressdata line then during phase 2 of the normal
arbitration cycle that module will be given a bus grant signal
Thus IBA was specified to speed up the arbitration process
when there are not multiple contenders for the bus
IEEE 8961 no longer allows IBA Now only Parking is al-
lowed It lets the current Futurebusa master quickly access
the bus to perform other transfers when no other modules
want to use it Parking issues the BGRNT
signal to the
current bus master during Phase 0
For IEEE 8961 compliance in the DS3875 the IBA
PK bit
of the CTRL3 register should disable IBA and enable Park-
ing On chip reset Parking is selected The IBA
CMPT
output signal of the DS3875 should not be connected and
IBA
S input signal should be connected to VCC
Concluding Remarks
In retrospect features which are no longer part of IEEE
8961 specification were discussed All of these features are
user selectable The DS3875 can be easily configured to
operate in the 8961 compliance mode As a matter of fact
on power up reset the DS3875 is configured in the compli-
ance mode Briefly
1 Arbitration Number
CTRL2 register R
U bit
Unrestricted mode now corresponds with
the 8961 arbitration number representa-
tion scheme
2 Arbitration Settling Time Delay
CTRL2 register Program as desired
Select a delay from the fast table and
slow table that closely matches the worst
case arbitration settling time number tA
3 IBA
CTRL3 register IBA
PK bit
Enable Parking for 8961 compliance
which simutanously disables IBA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com