Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3875 Datasheet HTML 1Page - National Semiconductor (TI) DS3875 Datasheet HTML 2Page - National Semiconductor (TI) DS3875 Datasheet HTML 3Page - National Semiconductor (TI) DS3875 Datasheet HTML 4Page - National Semiconductor (TI) DS3875 Datasheet HTML 5Page - National Semiconductor (TI) DS3875 Datasheet HTML 6Page - National Semiconductor (TI) DS3875 Datasheet HTML 7Page - National Semiconductor (TI) DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TLH10747
November 1995
DS3875 Futurebusa Arbitration Controller
General Description
The DS3875 Futurebusa Arbitration Controller is a member
of National Semiconductor’s Futurebusa chip set designed
specifically for the IEEE 8961 Futurebusa standard The
DS3875 implements Distributed Arbitration and Distributed
Arbitration messages in a single chip
The DS3875 interfaces with Futurebusa through the
DS3885 BTL Arbitration Transceiver and the DS3884A BTL
Handshake Transceiver
The DS3885 BTL Arbitration
Transceiver incorporates the competition logic needed for
the Arbitration Number signal lines The DS3884A BTL
Handshake Transceiver has selectable Wired-OR receiver
glitch filtering The DS3884A is used for the Arbitration Se-
quencing and Arbitration Condition signal lines
Additional transceivers included in the Futurebusa chip set
are the DS3883A BTL 9-bit Data Transceiver and the
DS3886A BTL 9-bit Latching Data Transceiver
The
DS3886A transceiver features edge-triggered latches in the
driver which may be bypassed during a fall-through mode
and a transparent latch in the receiver The DS3883A trans-
ceiver has no latches in either direction
The Logical Interface Futurebusa Engine (LIFE) IO Proto-
col Controller with 64-bit Data Path incorporates the Com-
pelled Mode Futurebusa Parallel Protocol The Protocol
Controller handles all the handshaking signals between the
Futurebusa and the local bus interfaces and incorporates
a DMA Controller with built-in FIFOs for fast queueing
Features
Y
The controller implements the complete requirements
of the IEEE 8961 specification as a subset of its fea-
tures
Y
Supports Arbitration message sending and receiving
Y
Supports the two modes of operation (RESTRICTED
UNRESTRICTED)
Y
Software configurable doublesingle pass operation
slowfast
IBAParking
and
restrictedunrestricted
modes of arbitration
Y
Built-in 1 ms timer for use in the arbitration cycle
Y
User programmable 16 arbitration delays (8 slow and
8 fast)
Y
Built-in PLL for accurate delays
The PLL accepts
clocks from 2 MHz to 40 MHz in steps of 1 MHz
Y
Signal to unlock slave modules on transfer of tenure
Auto unlock through a dummy cycle if the current mas-
ter locked resources
Y
Programmable delay for releasing ar
after issuing
COMPETEIBA
CMPT This is to ensure the assertion
of the arbitration number during competition before the
release of ar
Also this delay ensures there is suffi-
cient time to assert the ADDATA lines during Idle Bus
Arbitration before the release of ar
Y
ReadWrite facility with data acknowledge for the host
to load arbitration numbers
an arbitration message
and control registers
Y
On chip parity generator unloads the host of the addi-
tional parity generation function
Y
Separate interrupts to indicate error occurrence and ar-
bitration message received Interrupts cleared on a reg-
ister write Error status is available in a separate status
register
Y
A special output pin to indicate that a POWERFAIL
message was received
Y
Hardwired register to hold the first word of the arbitra-
tion message
Y
FIFO strobe provided to store more than one arbitration
message externally to prevent overrun
Y
Idle Bus Arbitration (IBA) supported
Y
Parking implemented
Y
Bus initialization system reset and Live-insertion sup-
ported (The logic to detect these conditions must be
implemented externally)
Y
Testability in the form of reading from key registers
which include the STATE MCW 1 ms timer and pro-
grammable input clock divider
TLH10747 – 1
National’s Futurebusa Chip Set Diagram
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DS3875

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
Advanced NV SRAM Battery Cap
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
Mains Interface Relay Module
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
Advanced NV SRAM Battery
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
1024k Flexible NV SRAM SIMM
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
1024 Flexible NV SRAM SIMM
112299
More results

Similar Description - DS3875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3885 NSC-DS3885 Datasheet
200Kb / 12P
BTL Arbitration Transceiver
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
CONTROLLER
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Xilinx, Inc
DS480 XILINX-DS480 Datasheet
277Kb / 6P
Single master - no bus arbitration logic
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
Controller
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
Controller
5226780 FESTO-5226780 Datasheet
76Kb / 2P
Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com