Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 30Page - National Semiconductor (TI) DS3875 Datasheet HTML 31Page - National Semiconductor (TI) DS3875 Datasheet HTML 32Page - National Semiconductor (TI) DS3875 Datasheet HTML 33Page - National Semiconductor (TI) DS3875 Datasheet HTML 34Page - National Semiconductor (TI) DS3875 Datasheet HTML 35Page - National Semiconductor (TI) DS3875 Datasheet HTML 36Page - National Semiconductor (TI) DS3875 Datasheet HTML 37Page - National Semiconductor (TI) DS3875 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
70 Register Description (Continued)
This section describes the addressable registers and the ALL1s hardwired register
71 ALL1S
This register carries the first word of an arbitration message (h 1ff)
72 TXCN0
(ADD(30) e 0000)
For the Unrestricted Mode this register stores the pass 1 arbitration number of a two pass arbitration (CN7 e 0) Defaults to
h 00
7
6
543210
0P7P6P5P4P3P2P1
Bit
Symbol
Description
0 – 6
P(17)
Priority field of the arbitration number
7
0
This bit is fixed at zero as specified in the Futurebusa specification for the pass 1 number of a
two pass arbitration
Note
The Parity bit CNp for the arbitration number is internally generated during the time the host writes the numbers into the controller The odd parity as
specified in the Futurebusa specifications is generated CNp is set to one when even number of ones are present in the arbitration number
73 TXCN1
(ADD(30) e 0001)
For the Unrestricted Mode this register stores the pass 2 arbitration number of a two pass arbitration or stores the single pass
arbitration number (CN7 e 1) This register also stores the arbitration number used in the Restricted Mode Defaults to h 80
7
6
5
4
3210
1P1
P0
RR
U4
U3
U2
U1
U0
Bit
Symbol
Description
0 – 4
U(04)
Uniqueness field of the arbitration number
5
RR
Round Robin bit of the arbitration number Note This bit is updated during phase 5 upon the
successful transfer of tenure See Table III
6
P0
Priority field of the arbitration number If configured as a two pass arbitor P0 is part of P(07) If
configured as a single pass arbitor P0 is the priority field If configured to arbitrate in restricted
mode then P0 is part of P(01)
7
1P1
This bit is fixed at one as specified in the spec for the pass 2 number of a two pass arbitration
and for the single pass arbitration number This bit is P1 for the restricted mode arbitration
number
Note
The Parity bit CNp for the arbitration number is internally generated during the time the host writes the numbers into the controller The odd parity as
specified in the Futurebusa specifications is generated CNp is set to one when even number of ones are present in the arbitration number
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com