Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 13Page - National Semiconductor (TI) DS3875 Datasheet HTML 14Page - National Semiconductor (TI) DS3875 Datasheet HTML 15Page - National Semiconductor (TI) DS3875 Datasheet HTML 16Page - National Semiconductor (TI) DS3875 Datasheet HTML 17Page - National Semiconductor (TI) DS3875 Datasheet HTML 18Page - National Semiconductor (TI) DS3875 Datasheet HTML 19Page - National Semiconductor (TI) DS3875 Datasheet HTML 20Page - National Semiconductor (TI) DS3875 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
50 Arbitrating for Futurebusa (Continued)
TLH10747 – 10
d Message Receiving
TLH10747 – 11
e Message Sending
FIGURE 5 Bus Request Timing (Normal Arbitration Idle Bus Arbitration and Parking)
(Continued)
54 FUTUREBUSa OPTIONAL MEANS OF
ARBITRATION
Besides the normal Futurebusa Parallel Contention Arbitra-
tion the Futurebusa Specification allows two other option-
al arbitration methods to acquire the parallel bus quickly
 Idle Bus Arbitration
 Parking
Both of these arbitration methods are supported by the Na-
tional Semiconductor DS3875 Arbitration Controller
541 Idle Bus Arbitration (IBA)
Idle Bus Arbitration (IBA) is selected by setting the IBAPK
bit in CTRL3 register The aim of IBA is to give a module
quick access to Futurebusa when the current master has
completed its transfers
IBA is invoked the same as a normal arbitration bus request
( BRQ ) but uses the parallel bus (AS negated DS as-
serted and the parallel addressdata bus) to determine the
winner of the arbitration cycle see
Figure 5a b
During normal arbitration the transfer of Futurebusa tenure
occurs during phase 5 During IBA the transfer of Future-
busa tenure occurs during phase 2 During IBA the AC1O
arbitration condition signal will be asserted by the new mas-
ter This will cancel the transfer of tenure during the normal
arbitration cycle Note that Futurebusa tenure was trans-
ferred but only the two modules involved in the IBA (the
master and the master elect) know that the transfer of ten-
ure has taken place All the other modules involved in the
normal arbitration cycle see that the transfer of tenure dur-
ing the normal arbitration cycle was canceled
If two or more modules have a request then normal arbitra-
tion will determine which module will gain access IBA takes
place on the parallel highway ADDATA (31
0) Each
module is assigned a bit which is to be asserted during IBA
If only one bit is asserted during the IBA competition then
IBA issues the bus grant signal to that module Concurrently
with IBA normal arbitration takes place If a module does
not want IBA to issue a bus grant IBA may be inhibited by
asserting DI
During phase 5 normal arbitration will deter-
mine appropriate actions
5411 Masters Support Circuitry to Enable IBA
If IBA is allowed it is invoked during phase 0 In order to
support IBA external logic is needed in addition to the arbi-
tration controller The Masters external logic must monitor
the arbitration control acquisition synchronization signals
(AP
AQ
AR ) and the parallel bus address handshake
signals (AS
AK
AI ) If the master supports IBA it should
wait until it is ready to end its bus tenure (ENDT asserted)
Then when it releases AS it should assert ds to enable
modules to participate in IBA competition
5412 Modules Support Circuitry to Participate in IBA
If a module wants to use IBA to gain tenure of Futurebusa
it must use external logic to monitor the arbitration control
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com