Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) DS3875 Datasheet HTML 10Page - National Semiconductor (TI) DS3875 Datasheet HTML 11Page - National Semiconductor (TI) DS3875 Datasheet HTML 12Page - National Semiconductor (TI) DS3875 Datasheet HTML 13Page - National Semiconductor (TI) DS3875 Datasheet HTML 14Page - National Semiconductor (TI) DS3875 Datasheet HTML 15Page - National Semiconductor (TI) DS3875 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
40 DS3875 Interfaces (Continued)
The input signal ALL1 (AB 7
0
and ABp all asserted)
is used to determine if any module is sending an arbitration
message during pass 1 For convenience the Arbitration
Controller outputs FSTR (to an external FIFO) during mes-
sage reception so more than one arbitration message may
be stored by the module
The Arbitration Controller has dedicated interrupt pins
(ERINT
MGINT
PFINT ) that interface with the Protocol
Controller so that important messages and error indications
can be quickly detected
The Protocol Controller will issue the message request or
bus request signals to the DS3875 When a message has
been transmitted (Second Pass of arbitration Phase 5) the
Arbitration Controller will assert MGTX
On board reset initialization power-up and live insertion
logic will inform the Arbitration Controller which type of reset
operation to perform Power-Up Reset (RST ) Initialization
(RINT ) or live insertion (HALT ) See Sections 100 and
110 for more information
50 Arbitrating for Futurebusa
The arbitration process allows a module to seek and gain
tenure of Futurebusa to transfer data to or from another
module The arbitration process is independent of the data
transfer process and may take place concurrently with data
transactions on Futurebusa If a module (or several mod-
ules) want to use the bus an arbitration competition takes
place The module with the highest arbitration number gets
tenure of the bus
The National Semiconductor solution to Futurebusa arbi-
tration includes the DS3875 Arbitration Controller
the
DS3885 Arbitration Transceiver and the DS3884 Hand-
shake Transceiver (see front page system block diagram)
More information on Arbitration as it applies to the Future-
busa IEEE standard is available in Section 5 of the ‘‘Futu-
rebusa P8961 Logical Layer Specification’’
51 UNRESTRICTEDRESTRICTED MODES OF
OPERATION
The Arbitration Controller supports either the Unrestricted
or the Restricted mode of arbitration In the system environ-
ment all modules must be configured to operate in the
same mode at any given time
During initialization the Unrestricted mode is set since it
must be supported by all modules The Unrestricted mode
allows a single pass of an 8-bit arbitration number or a two
pass of a 16-bit arbitration number to be used
Futurebusa allows arbitration numbers requiring a single
pass control acquisition cycle to be mixed with those requir-
ing a two pass control acquisition cycle During the first pass
of a two pass cycle more than one module may have the
same number however during the second pass only one
winner results where the competition numbers must be
unique A logic zero in the RU
bit of the CTRL2 register
selects the unrestricted mode
The Restricted mode of operation is optional and is selected
by setting the RU
bit to a logic one in the CTRL2 register
This mode limits arbitration numbers to 8 bits Thus only a
single control acquisition cycle occurs where all numbers
are unique The arbitration numbers are assigned by the
module and can be dynamically changed
52 THE ARBITRATION NUMBER AND ARBITRATION
CIRCUIT
Each module has a unique arbitration number When two or
more modules compete for the bus the module with the
highest arbitration number will win the competition
The DS3885 Arbitration Transceiver contains the arbitration
circuit See
Figure 4 for a functional model of the arbitration
circuit A Parallel Contention Arbitration Protocol controls
how modules assert and release the AB 7
0
and
ABp
After a period of time (ta) the protocol ensures that
only the winners arbitration number will remain on the
AB 7
0
and ABp
The arbitration number consists of one or two competition
numbers CN(7
0) The Arbitration Controller Transmits
Receives the competition number tofrom the Arbitration
Transceiver The CN
LE
signal latches the competition
number into the transceiver while the AB
RE
signal al-
lows the controller to read in the winner’s competition num-
ber Along with the competition number the Arbitration Con-
troller transmits the CNp bit the generated parity bit of the
competition number to the Arbitration Transceiver Odd
parity as specified in the Futurebusa specifications is im-
plemented Thus CNp is set when even number of ones are
present in the competition number When CN(7
0) is
received from the Arbitration Transceiver the PER
bit is
checked for error detection
Referring to Table II in the Unrestricted mode the CN7 bit
indicates if the module requires another arbitration pass
When a one pass and a two pass arbitration number occur
in the same control acquisition cycle the one pass arbitra-
tion number will win
The DS3875 allows the module to dynamically change the
arbitration number by writing into the TXCN0 andor the
TXCN1 registers (see Section 7) If the arbitration number is
changed during an arbitration cycle it will be used in the next
arbitration competition
The arbitration number is composed of three fields Priority
Field Round Robin Field and a Unique Field
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com