Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 36Page - National Semiconductor (TI) DS3875 Datasheet HTML 37Page - National Semiconductor (TI) DS3875 Datasheet HTML 38Page - National Semiconductor (TI) DS3875 Datasheet HTML 39Page - National Semiconductor (TI) DS3875 Datasheet HTML 40Page - National Semiconductor (TI) DS3875 Datasheet HTML 41Page - National Semiconductor (TI) DS3875 Datasheet HTML 42Page - National Semiconductor (TI) DS3875 Datasheet HTML 43Page - National Semiconductor (TI) DS3875 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
90 ClockTimerDelay Lines (Continued)
TLH10747 – 24
FIGURE 9 PLL Timer and Test Circuitry
100 ResetInitializationPower Up
Two distinct input reset pins are available on the Arbitration
Controller RINT
(Bus Reset and Initialization) and RST
(Power Up Reset) These signals are activated by the mod-
ule upon detecting either RE (in an appropriate condition)
on Futurebusa or reset from the host or the Protocol Con-
troller Both these signals are asynchronous inputs so that
the reset function is performed immediately after the signal
is asserted
RINT may be asserted by external logic from RE being
asserted for at least 2 ms or some other appropriate condi-
tion When RINT is asserted ( RINT )
1 the arbitration controller is placed in phase 0
2 all outputs of the arbitration controller are negated ex-
cept ARO
3 The following registers are cleared RXCN0 RXCN1
RXMSG CLRERI CLRMGI CLRPFI andMCW bits of
the STATUS register
4 ST0 bit is set in the STATE register
5 Contents of other registers remain except for the round
robin (RR) bit of TXCN1 which is reset
The rising edge of RINT will release the arbiter from phase
0 This reset signal should be used during Futurebusa ini-
tialization
When RST is asserted ( RST )
1 all outputs of the arbitration controller are negated
2 the registers are set to default values as given in the
register description Section 7
The rising edge of RST
will cause ARO to be asserted
causing the arbiter to be in phase 0 This reset signal should
be used during power-up and live withdrawal
Figure 10 illustrates how the reset and initialization signals
may be used during power up While powering up when
RINT is asserted for 100 ms – 200 ms the registers may be
programmed BRQ should not be issued until after 10 ms
after the register CTRL1 is programmed giving the PLL a
sufficient time to lock onto the CLK signal
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com