Electronic Components Datasheet Search
  English  ▼

X  

DS3875 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 7Page - National Semiconductor (TI) DS3875 Datasheet HTML 8Page - National Semiconductor (TI) DS3875 Datasheet HTML 9Page - National Semiconductor (TI) DS3875 Datasheet HTML 10Page - National Semiconductor (TI) DS3875 Datasheet HTML 11Page - National Semiconductor (TI) DS3875 Datasheet HTML 12Page - National Semiconductor (TI) DS3875 Datasheet HTML 13Page - National Semiconductor (TI) DS3875 Datasheet HTML 14Page - National Semiconductor (TI) DS3875 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
40 DS3875 Interfaces (Continued)
TLH10747 – 5
FIGURE 3
When competing the DS3885 Arbitration Transceiver is en-
abled to place the competition numbers CN(7
0) and its
associated parity bit CNp onto the Futurebusa backplane
During every cycle whether or not competing the winning
module’s
arbitration
number
is
read
the
value
of
WIN
GT signal and PER signal is determined and up-
dated in the appropriate internal registers
The host can read or write (RW) into the Arbitration Con-
troller registers to change the controller configuration
check status or RW a new arbitration numbermessage
The host can select to latch data either on the falling edge
of DSACK
or on the rising edge of CS
by releasing or
asserting the SEL pin
The Module may become bus master during Phase 5 if the
normal arbitration cycle was successful Phase 0 if Parking
was successful or Phase 2 if IBA was successful Upon
becoming bus master the Arbitration Controller will issue
BGRNT
This signal indicates to the Protocol Controller
that it can now perform the desired transactions on the Par-
allel addressdata bus
The Protocol Controller will let the Arbitration Controller
know if it has locked resources by asserting the LKD sig-
nal If resources were locked then at transfer of tenure the
Arbitration Controller will issue UNLK to the Protocol Con-
troller to unlock resources
A dummy cycle will be initiated by the Arbitration Controller
to perform the unlocking function if lock (LKD ) is still as-
serted after end of tenure (ENDT ) is asserted and no other
modules are competing Unlock will be asserted at the
transfer of bus tenure (even if this module wins the competi-
tion) If another module initiates arbitration competition this
module will participate in the competition and will issue the
unlock (UNLK ) signal upon transfer of bus tenure When
the bus transaction is complete and no resources are
locked the Protocol Controller has the option of enabling
either Idle Bus Arbitration or parking (IBA
PK in CTRL3)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com