Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 46 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 42Page - Texas Instruments TSB43AB21 Datasheet HTML 43Page - Texas Instruments TSB43AB21 Datasheet HTML 44Page - Texas Instruments TSB43AB21 Datasheet HTML 45Page - Texas Instruments TSB43AB21 Datasheet HTML 46Page - Texas Instruments TSB43AB21 Datasheet HTML 47Page - Texas Instruments TSB43AB21 Datasheet HTML 48Page - Texas Instruments TSB43AB21 Datasheet HTML 49Page - Texas Instruments TSB43AB21 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
4–5
4.2
GUID ROM Register
The GUID ROM register accesses the serial EEPROM, and is only applicable if bit 24 (GUID_ROM) in the OHCI
version register at OHCI offset 00h (see Section 4.1, OHCI Version Register) is set to 1. See Table 4–3 for a complete
description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
GUID ROM
Type
RSU
R
R
R
R
R
RSU
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
GUID ROM
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
GUID ROM
Offset:
04h
Type:
Read/Set/Update, read/update, read-only
Default:
00XX 0000h
Table 4–3. GUID ROM Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
addrReset
RSU
Software sets bit 31 to 1 to reset the GUID ROM address to 0. When the TSB43AB21 device completes
the reset, it clears this bit. The TSB43AB21 device does not automatically fill bits 23–16 (rdData field)
with the 0th byte.
30–26
RSVD
R
Reserved. Bits 30–26 return 0s when read.
25
rdStart
RSU
A read of the currently addressed byte is started when bit 25 is set to 1. This bit is automatically cleared
when the TSB43AB21 device completes the read of the currently addressed GUID ROM byte.
24
RSVD
R
Reserved. Bit 24 returns 0 when read.
23–16
rdData
RU
This field contains the data read from the GUID ROM.
15–8
RSVD
R
Reserved. Bits 15–8 return 0s when read.
7–0
miniROM
R
The miniROM field defaults to 0 indicating that no mini-ROM is implemented. If bit 5 of EEPROM offset
6h is set to 1, this field returns 20h indicating that valid mini-ROM data begins at offset 20h of the GUID
ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com