Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 76 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 72Page - Texas Instruments TSB43AB21 Datasheet HTML 73Page - Texas Instruments TSB43AB21 Datasheet HTML 74Page - Texas Instruments TSB43AB21 Datasheet HTML 75Page - Texas Instruments TSB43AB21 Datasheet HTML 76Page - Texas Instruments TSB43AB21 Datasheet HTML 77Page - Texas Instruments TSB43AB21 Datasheet HTML 78Page - Texas Instruments TSB43AB21 Datasheet HTML 79Page - Texas Instruments TSB43AB21 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
4–35
Table 4–29. Physical Request Filter High Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
18
physReqResource50
RSC
If bit 18 is set to 1 for local bus node number 50, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
17
physReqResource49
RSC
If bit 17 is set to 1 for local bus node number 49, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
16
physReqResource48
RSC
If bit 16 is set to 1 for local bus node number 48, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
15
physReqResource47
RSC
If bit 15 is set to 1 for local bus node number 47, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
14
physReqResource46
RSC
If bit 14 is set to 1 for local bus node number 46, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
13
physReqResource45
RSC
If bit 13 is set to 1 for local bus node number 45, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
12
physReqResource44
RSC
If bit 12 is set to 1 for local bus node number 44, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
11
physReqResource43
RSC
If bit 11 is set to 1 for local bus node number 43, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
10
physReqResource42
RSC
If bit 10 is set to 1 for local bus node number 42, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
9
physReqResource41
RSC
If bit 9 is set to 1 for local bus node number 41, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
8
physReqResource40
RSC
If bit 8 is set to 1 for local bus node number 40, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
7
physReqResource39
RSC
If bit 7 is set to 1 for local bus node number 39, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
6
physReqResource38
RSC
If bit 6 is set to 1 for local bus node number 38, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
5
physReqResource37
RSC
If bit 5 is set to 1 for local bus node number 37, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
4
physReqResource36
RSC
If bit 4 is set to 1 for local bus node number 36, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
3
physReqResource35
RSC
If bit 3 is set to 1 for local bus node number 35, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
2
physReqResource34
RSC
If bit 2 is set to 1 for local bus node number 34, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
1
physReqResource33
RSC
If bit 1 is set to 1 for local bus node number 33, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.
0
physReqResource32
RSC
If bit 0 is set to 1 for local bus node number 32, physical requests received by the TSB43AB21
device from that node are handled through the physical request context.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com