Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 89 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 85Page - Texas Instruments TSB43AB21 Datasheet HTML 86Page - Texas Instruments TSB43AB21 Datasheet HTML 87Page - Texas Instruments TSB43AB21 Datasheet HTML 88Page - Texas Instruments TSB43AB21 Datasheet HTML 89Page - Texas Instruments TSB43AB21 Datasheet HTML 90Page - Texas Instruments TSB43AB21 Datasheet HTML 91Page - Texas Instruments TSB43AB21 Datasheet HTML 92Page - Texas Instruments TSB43AB21 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
5–5
Table 5–3. Link Enhancement Register Description (Continued)
7
enab_unfair
RSC
Enable asynchronous priority requests. iOHCI-Lynx
 compatible. Setting bit 7 to 1 enables the link
to respond to requests with priority arbitration. It is recommended that this bit be set to 1.
6
RSVD
R
This bit is not assigned in the TSB43AB21 follow-on products, since this bit location loaded by the
serial EEPROM from the enhancements field corresponds to bit 23 (programPhyEnable) in the host
controller control register at OHCI offset 50h/54h (see Section 4.16, Host Controller Control
Register).
5–2
RSVD
R
Reserved. Bits 5–2 return 0s when read.
1
enab_accel
RSC
Enable acceleration enhancements. iOHCI-Lynx
 compatible. When bit 1 is set to 1, the PHY layer
is notified that the link supports the IEEE Std 1394a-2000 acceleration enhancements, that is,
ack-accelerated, fly-by concatenation, etc. It is recommended that this bit be set to 1.
0
RSVD
R
Reserved. Bit 0 returns 0 when read.
5.5
Timestamp Offset Register
The value of this register is added as an offset to the cycle timer value when using the MPEG, DV, and CIP
enhancements. A timestamp offset register is implemented per isochronous transmit context. The n value following
the offset indicates the context number (n = 0, 1, 2, 3,
…, 7). These registers are programmed by software as
appropriate. See Table 5–4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Timestamp offset
Type
R/W
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Timestamp offset
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Timestamp offset
Offset:
A90h + (4*n)
Type:
Read/Write, read-only
Default:
0000 0000h
Table 5–4. Timestamp Offset Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
DisableInitialOffset
R/W
Bit 31 disables the use of the initial timestamp offset when the MPEG2 enhancements are enabled.
A value of 0 indicates the use of the initial offset, a value of 1 indicates that the initial offset must not
be applied to the calculated timestamp. This bit has no meaning for the DV timestamp
enhancements.
30–25
RSVD
R
Reserved. Bits 30–25 return 0s when read.
24–12
CycleCount
R/W
This field adds an offset to the cycle count field in the timestamp when the DV or MPEG2
enhancements are enabled. The cycle count field is incremented modulo 8000; therefore, values in
this field must be limited between 0 and 7999.
11–0
CycleOffset
R/W
This field adds an offset to the cycle offset field in the timestamp when the DV or MPEG2
enhancements are enabled. The cycle offset field is incremented modulo 3072; therefore, values in
this field must be limited between 0 and 3071.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com