Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 31 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 27Page - Texas Instruments TSB43AB21 Datasheet HTML 28Page - Texas Instruments TSB43AB21 Datasheet HTML 29Page - Texas Instruments TSB43AB21 Datasheet HTML 30Page - Texas Instruments TSB43AB21 Datasheet HTML 31Page - Texas Instruments TSB43AB21 Datasheet HTML 32Page - Texas Instruments TSB43AB21 Datasheet HTML 33Page - Texas Instruments TSB43AB21 Datasheet HTML 34Page - Texas Instruments TSB43AB21 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
3–10
3.12 CardBus CIS Pointer Register
CARDBUS to the TSB43AB21 device is sampled at G_RST to determine the TSB43AB21 application. If CARDBUS
is sampled high, this register is read-only returning 0s when read. If CARDBUS is sampled low, this register contains
the pointer to the CardBus card information structure (CIS). See Table 3–11 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus CIS pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus CIS pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus CIS pointer
Offset:
28h
Type:
Read-only
Default:
0000 0000h
Table 3–11. CardBus CIS Pointer Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–28
ROM_IMAGE
R
Since the CIS is not implemented as a ROM image, this field returns 0s when read.
27–3
CIS_OFFSET
R
This field indicates the offset into the CIS address space where the CIS begins, and bits 7–3 are
loaded from the serial EEPROM field CIS_Offset (7–3). This implementation allows the TSB43AB21
device to produce serial EEPROM addresses equal to the lower PCI address byte to acquire data
from the serial EEPROM.
2–0
CIS_INDICATOR
R
This field indicates the address space where the CIS resides and returns 011b if CARDBUS is
sampled low at G_RST. 011b indicates that CardBus CIS base address register at offset 18h in the
PCI configuration header contains the CIS base address. If CARDBUS is sampled high at G_RST,
this field contains 000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com