Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 35 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 31Page - Texas Instruments TSB43AB21 Datasheet HTML 32Page - Texas Instruments TSB43AB21 Datasheet HTML 33Page - Texas Instruments TSB43AB21 Datasheet HTML 34Page - Texas Instruments TSB43AB21 Datasheet HTML 35Page - Texas Instruments TSB43AB21 Datasheet HTML 36Page - Texas Instruments TSB43AB21 Datasheet HTML 37Page - Texas Instruments TSB43AB21 Datasheet HTML 38Page - Texas Instruments TSB43AB21 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
3–14
3.19 Power Management Capabilities Register
The power management capabilities register indicates the capabilities of the TSB43AB21 device related to PCI power
management. See Table 3–17 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Offset:
46h
Type:
Read/Update, Read-only
Default:
7E02h
Table 3–17. Power Management Capabilities Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_D3COLD
RU
PCI_PME support from D3cold. This bit can be set to 1 or cleared to 0 via bit 15 (PME_D3COLD) in
the miscellaneous configuration register at offset F0h in the PCI configuration space (see Section 3.23,
Miscellaneous Configuration Register). The miscellaneous configuration register is loaded from ROM.
When this bit is set to 1, it indicates that the TSB43AB21 device is capable of generating a PCI_PME
wake event from D3cold. This bit state is dependent upon the TSB43AB21 VAUX implementation and
may be configured by using bit 15 (PME_D3COLD) in the miscellaneous configuration register (see
Section 3.23).
14–11
PME_SUPPORT
R
PCI_PME support. This 4-bit field indicates the power states from which the TSB43AB21 device may
assert PCI_PME. This field returns a value of 1111b by default, indicating that PCI_PME may be
asserted from the D3hot, D2, D1, and D0 power states.
10
D2_SUPPORT
R
D2 support. Bit 10 is hardwired to 1, indicating that the TSB43AB21 device supports the D2 power
state.
9
D1_SUPPORT
R
D1 support. Bit 9 is hardwired to 1, indicating that the TSB43AB21 device supports the D1 power state.
8–6
AUX_CURRENT
R
Auxiliary current. This 3-bit field reports the 3.3-VAUX auxiliary current requirements. When bit 15
(PME_D3COLD) is cleared, this field returns 000b; otherwise, it returns 001b.
000b = Self-powered
001b = 55 mA (3.3-VAUX maximum current required)
5
DSI
R
Device-specific initialization. This bit returns 0 when read, indicating that the TSB43AB21 device does
not require special initialization beyond the standard PCI configuration header before a generic class
driver is able to use it.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
PME_CLK
R
PCI_PME clock. This bit returns 0 when read, indicating that no host bus clock is required for the
TSB43AB21 device to generate PCI_PME.
2–0
PM_VERSION
R
Power-management version. This field returns 010b when read, indicating that the TSB43AB21 device
is compatible with the registers described in the PCI Bus Power Management Interface Specification
(Revision 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com