Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 28 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 24Page - Texas Instruments TSB43AB21 Datasheet HTML 25Page - Texas Instruments TSB43AB21 Datasheet HTML 26Page - Texas Instruments TSB43AB21 Datasheet HTML 27Page - Texas Instruments TSB43AB21 Datasheet HTML 28Page - Texas Instruments TSB43AB21 Datasheet HTML 29Page - Texas Instruments TSB43AB21 Datasheet HTML 30Page - Texas Instruments TSB43AB21 Datasheet HTML 31Page - Texas Instruments TSB43AB21 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
3–7
3.8
Header Type and BIST Register
The header type and built-in self-test (BIST) register indicates the TSB43AB21 PCI header type and no built-in
self-test. See Table 3–7 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Header type and BIST
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Header type and BIST
Offset:
0Eh
Type:
Read-only
Default:
0000h
Table 3–7. Header Type and BIST Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15–8
BIST
R
Built-in self-test. The TSB43AB21 device does not include a BIST; therefore, this field returns 00h when
read.
7–0
HEADER_TYPE
R
PCI header type. The TSB43AB21 device includes the standard PCI header, which is communicated
by returning 00h when this field is read.
3.9
OHCI Base Address Register
The OHCI base address register is programmed with a base address referencing the memory-mapped OHCI control.
When BIOS writes all 1s to this register, the value read back is FFFF F800h, indicating that at least 2K bytes of
memory address space are required for the OHCI registers. See Table 3–8 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
OHCI base address
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
OHCI base address
Type
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
OHCI base address
Offset:
10h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 3–8. OHCI Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–11
OHCIREG_PTR
R/W
OHCI register pointer. This field specifies the upper 21 bits of the 32-bit OHCI base address register.
10–4
OHCI_SZ
R
OHCI register size. This field returns 0s when read, indicating that the OHCI registers require a
2K-byte region of memory.
3
OHCI_PF
R
OHCI register prefetch. Bit 3 returns 0 when read, indicating that the OHCI registers are
nonprefetchable.
2–1
OHCI_MEMTYPE
R
OHCI memory type. This field returns 0s when read, indicating that the OHCI base address register
is 32 bits wide and mapping can be done anywhere in the 32-bit memory space.
0
OHCI_MEM
R
OHCI memory indicator. Bit 0 returns 0 when read, indicating that the OHCI registers are mapped
into system memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com