Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 82 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 78Page - Texas Instruments TSB43AB21 Datasheet HTML 79Page - Texas Instruments TSB43AB21 Datasheet HTML 80Page - Texas Instruments TSB43AB21 Datasheet HTML 81Page - Texas Instruments TSB43AB21 Datasheet HTML 82Page - Texas Instruments TSB43AB21 Datasheet HTML 83Page - Texas Instruments TSB43AB21 Datasheet HTML 84Page - Texas Instruments TSB43AB21 Datasheet HTML 85Page - Texas Instruments TSB43AB21 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
4–41
Table 4–34. Isochronous Receive Context Control Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
29
cycleMatchEnable
RSCU
When bit 29 is set to 1 and the 13-bit cycleMatch field (bits 24–12) in the isochronous receive context
match register (See Section 4.46, Isochronous Receive Context Match Register) matches the 13-bit
cycleCount field in the cycleStart packet, the context begins running. The effects of this bit, however,
are impacted by the values of other bits in this register. Once the context has become active,
hardware clears this bit. The value of this bit must not be changed while bit 10 (active) or bit 15 (run)
is set to 1.
28
multiChanMode
RSC
When bit 28 is set to 1, the corresponding isochronous receive DMA context receives packets for
all isochronous channels enabled in the isochronous receive channel mask high register at OHCI
offset 70h/74h (see Section 4.19, Isochronous Receive Channel Mask High Register) and
isochronous receive channel mask low register at OHCI offset 78h/7Ch (see Section 4.20,
Isochronous Receive Channel Mask Low Register). The isochronous channel number specified in
the isochronous receive context match register (see Section 4.46, Isochronous Receive Context
Match Register) is ignored.
When this bit is cleared, the isochronous receive DMA context receives packets for the single
channel specified in the isochronous receive context match register (see Section 4.46, Isochronous
Receive Context Match Register). Only one isochronous receive DMA context may use the
isochronous receive channel mask registers (see Sections 4.19, Isochronous Receive Channel
Mask High Register, and 4.20, Isochronous Receive Channel Mask Low Register). If more than one
isochronous receive context control register has this bit set, the results are undefined. The value of
this bit must not be changed while bit 10 (active) or bit 15 (run) is set to 1.
27
dualBufferMode
RSC
When bit 27 is set to 1, receive packets are separated into first and second payload and streamed
independently to the firstBuffer series and secondBuffer series as described in Section 10.2.3 in the
1394 Open Host Controller Interface Specification. Also, when bit 27 is set to 1, both bits 28
(multiChanMode) and 31 (bufferFill) are cleared to 0. The value of this bit does not change when
either bit 10 (active) or bit 15 (run) is set to 1.
26–16
RSVD
R
Reserved. Bits 26–16 return 0s when read.
15
run
RSCU
Bit 15 is set to 1 by software to enable descriptor processing for the context and cleared by software
to stop descriptor processing. The TSB43AB21 device changes this bit only on a system (hardware)
or software reset.
14–13
RSVD
R
Reserved. Bits 14 and 13 return 0s when read.
12
wake
RSU
Software sets bit 12 to 1 to cause the TSB43AB21 device to continue or resume descriptor
processing. The TSB43AB21 device clears this bit on every descriptor fetch.
11
dead
RU
The TSB43AB21 device sets bit 11 to 1 when it encounters a fatal error, and clears the bit when
software clears bit 15 (run).
10
active
RU
The TSB43AB21 device sets bit 10 to 1 when it is processing descriptors.
9–8
RSVD
R
Reserved. Bits 9 and 8 return 0s when read.
7–5
spd
RU
This field indicates the speed at which the packet was received.
000 = 100M bits/sec
001 = 200M bits/sec
010 = 400M bits/sec
All other values are reserved.
4–0
event code
RU
For bufferFill mode, possible values are: ack_complete, evt_descriptor_read, evt_data_write, and
evt_unknown. Packets with data errors (either dataLength mismatches or dataCRC errors) and
packets for which a FIFO overrun occurred are backed out. For packet-per-buffer mode, possible
values are: ack_complete, ack_data_error, evt_long_packet, evt_overrun, evt_descriptor_read,
evt_data_write, and evt_unknown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com