Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 30 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 26Page - Texas Instruments TSB43AB21 Datasheet HTML 27Page - Texas Instruments TSB43AB21 Datasheet HTML 28Page - Texas Instruments TSB43AB21 Datasheet HTML 29Page - Texas Instruments TSB43AB21 Datasheet HTML 30Page - Texas Instruments TSB43AB21 Datasheet HTML 31Page - Texas Instruments TSB43AB21 Datasheet HTML 32Page - Texas Instruments TSB43AB21 Datasheet HTML 33Page - Texas Instruments TSB43AB21 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
3–9
3.11 CardBus CIS Base Address Register
If CARDBUS is sampled high on a G_RST, this 32-bit register returns 0s when read. If CARDBUS is sampled low,
this register is programmed with a base address referencing the memory-mapped card information structure (CIS).
This register must be programmed with a nonzero value before the CIS can be accessed. See Table 3–10 for a
complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus CIS base address
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus CIS base address
Type
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus CIS base address
Offset:
18h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 3–10. CardBus CIS Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–11
CIS_BASE
R/W
CIS base address. This field specifies the upper 21 bits of the 32-bit CIS base address. If CARDBUS
is sampled high on a G_RST, this field is read-only, returning 0s when read.
10–4
CIS_SZ
R
CIS address space size. This field returns 0s when read, indicating that the CIS space requires a
2K-byte region of memory.
3
CIS_PF
R
CIS prefetch. Bit 3 returns 0 when read, indicating that the CIS is nonprefetchable. Furthermore, the
CIS is a byte-accessible address space, and either a doubleword or 16-bit word access yields
indeterminate results.
2–1
CIS_MEMTYPE
R
CIS memory type. This field returns 0s when read, indicating that the CardBus CIS base address
register is 32 bits wide and mapping can be done anywhere in the 32-bit memory space.
0
CIS_MEM
R
CIS memory indicator. Bit 0 returns 0 when read, indicating that the CIS is mapped into system
memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com