Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 65 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 61Page - Texas Instruments TSB43AB21 Datasheet HTML 62Page - Texas Instruments TSB43AB21 Datasheet HTML 63Page - Texas Instruments TSB43AB21 Datasheet HTML 64Page - Texas Instruments TSB43AB21 Datasheet HTML 65Page - Texas Instruments TSB43AB21 Datasheet HTML 66Page - Texas Instruments TSB43AB21 Datasheet HTML 67Page - Texas Instruments TSB43AB21 Datasheet HTML 68Page - Texas Instruments TSB43AB21 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
4–24
4.26 Isochronous Receive Interrupt Mask Register
The isochronous receive interrupt mask set/clear register enables the isochRx interrupt source on a per-channel
basis. Reads from either the set register or the clear register always return the contents of the isochronous receive
interrupt mask register. In all cases the enables for each interrupt event align with the isochronous receive interrupt
event register bits detailed in Table 4–18.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive interrupt mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive interrupt mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
Register:
Isochronous receive interrupt mask
Offset:
A8h
set register
ACh
clear register
Type:
Read/Set/Clear, read-only
Default:
0000 000Xh
4.27 Initial Bandwidth Available Register
The initial bandwidth available register value is loaded into the corresponding bus management CSR register on a
system (hardware) or software reset. See Table 4–19 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Initial bandwidth available
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Initial bandwidth available
Type
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
1
0
0
1
1
0
0
1
1
0
0
1
1
Register:
Initial bandwidth available
Offset:
B0h
Type:
Read-only, read/write
Default:
0000 1333h
Table 4–19. Initial Bandwidth Available Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–13
RSVD
R
Reserved. Bits 31–13 return 0s when read.
12–0
InitBWAvailable
R/W
This field is reset to 1333h on a system (hardware) or software reset, and is not affected by a 1394
bus reset. The value of this field is loaded into the BANDWIDTH_AVAILABLE CSR register upon
a G_RST, PCI_RST, or a 1394 bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com