Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 64 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 60Page - Texas Instruments TSB43AB21 Datasheet HTML 61Page - Texas Instruments TSB43AB21 Datasheet HTML 62Page - Texas Instruments TSB43AB21 Datasheet HTML 63Page - Texas Instruments TSB43AB21 Datasheet HTML 64Page - Texas Instruments TSB43AB21 Datasheet HTML 65Page - Texas Instruments TSB43AB21 Datasheet HTML 66Page - Texas Instruments TSB43AB21 Datasheet HTML 67Page - Texas Instruments TSB43AB21 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
4–23
4.24 Isochronous Transmit Interrupt Mask Register
The isochronous transmit interrupt mask set/clear register enables the isochTx interrupt source on a per-channel
basis. Reads from either the set register or the clear register always return the contents of the isochronous transmit
interrupt mask register. In all cases the enables for each interrupt event align with the isochronous transmit interrupt
event register bits detailed in Table 4–17.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous transmit interrupt mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous transmit interrupt mask
Type
R
R
R
R
R
R
R
R
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
Register:
Isochronous transmit interrupt mask
Offset:
98h
set register
9Ch
clear register
Type:
Read/Set/Clear, read-only
Default:
0000 00XXh
4.25 Isochronous Receive Interrupt Event Register
The isochronous receive interrupt event set/clear register reflects the interrupt state of the isochronous receive
contexts. An interrupt is generated on behalf of an isochronous receive context if an INPUT_* command completes
and its interrupt bits are set to 1. Upon determining that the isochRx (bit 7) interrupt in the interrupt event register at
OHCI offset 80h/84h (see Section 4.21, Interrupt Event Register) has occurred, software can check this register to
determine which context(s) caused the interrupt. The interrupt bits are set to 1 by an asserting edge of the
corresponding interrupt signal or by writing a 1 in the corresponding bit in the set register. The only mechanism to
clear a bit in this register is to write a 1 to the corresponding bit in the clear register. See Table 4–18 for a complete
description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive interrupt event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive interrupt event
Type
R
R
R
R
R
R
R
R
R
R
R
R
RSC
RSC
RSC
RSC
Default
0
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
Register:
Isochronous receive interrupt event
Offset:
A0h
set register
A4h
clear register [returns the contents of isochronous receive interrupt event register
bit-wise ANDed with the isochronous receive mask register when read]
Type:
Read/Set/Clear, read-only
Default:
0000 000Xh
Table 4–18. Isochronous Receive Interrupt Event Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–4
RSVD
R
Reserved. Bits 31–4 return 0s when read.
3
isoRecv3
RSC
Isochronous receive channel 3 caused the interrupt event register bit 7 (isochRx) interrupt.
2
isoRecv2
RSC
Isochronous receive channel 2 caused the interrupt event register bit 7 (isochRx) interrupt.
1
isoRecv1
RSC
Isochronous receive channel 1 caused the interrupt event register bit 7 (isochRx) interrupt.
0
isoRecv0
RSC
Isochronous receive channel 0 caused the interrupt event register bit 7 (isochRx) interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com