Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 20 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 16Page - Texas Instruments TSB43AB21 Datasheet HTML 17Page - Texas Instruments TSB43AB21 Datasheet HTML 18Page - Texas Instruments TSB43AB21 Datasheet HTML 19Page - Texas Instruments TSB43AB21 Datasheet HTML 20Page - Texas Instruments TSB43AB21 Datasheet HTML 21Page - Texas Instruments TSB43AB21 Datasheet HTML 22Page - Texas Instruments TSB43AB21 Datasheet HTML 23Page - Texas Instruments TSB43AB21 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
2–8
Table 2–7. Physical Layer Terminals
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
CNA
96
CMOS
I/O
Cable not active. This terminal is asserted high when the port is not receiving incoming bias voltage.
If not used, this terminal must be strapped either to DVDD or to GND through a resistor. To enable the
CNA terminal, the BIOS must set bit 7 (CNAOUT) of the PCI PHY control register at offset ECh in the
PCI configuration space (see Section 3.22, PCI PHY Control Register). If an EEPROM is implemented
and CNA functionality is needed, bit 7 of byte offset 16h in the serial EEPROM must be set. This sets
the bit in the PCI configuration space at power up via the EEPROM.
CPS
106
CMOS
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω
resistor. This circuit drives an internal comparator that detects the presence of cable power. If CPS
does not detect cable power, this terminal must be pulled to AVDD.
FILTER0
FILTER1
3
4
CMOS
I/O
PLL filter terminals. These terminals are connected to an external capacitance to form a lag-lead filter
required for stable operation of the internal frequency multiplier PLL running off of the crystal oscillator.
A 0.1-
µF ±10% capacitor is the only external component required to complete this filter.
PC0
PC1
PC2
99
98
97
CMOS
I
Power class programming inputs. On hardware reset, these inputs set the default value of the power
class indicated during self-ID. Programming is done by tying these terminals high or low.
R0
R1
118
119
Bias
–
Current-setting resistor terminals. These terminals are connected to an external resistance to set the
internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1% is required
to meet the IEEE Std 1394-1995 output voltage limits.
TPA0+
TPA0–
115
114
Cable
I/O
Twisted-pair cable A differential signal terminals. Board trace lengths from each pair of positive and
negative differential signal pins must be matched and as short as possible to the external load resistors
and to the cable connector.
TPB0+
TPB0–
113
112
Cable
I/O
Twisted-pair cable B differential signal terminals. Board trace lengths from each pair of positive and
negative differential signal pins must be matched and as short as possible to the external load resistors
and to the cable connector.
TPBIAS0
116
Cable
I/O
Twisted-pair bias output. This provides the 1.86-V nominal bias voltage needed for proper operation
of the twisted-pair cable drivers and receivers and for signaling to the remote nodes that there is an
active cable connection. Each of these pins must be decoupled with a 1.0-
µF capacitor to ground.
XI
XO
5
6
Crystal
–
Crystal oscillator inputs. These pins connect to a 24.576-MHz parallel resonant fundamental mode
crystal. The optimum values for the external shunt capacitors are dependent on the specifications of
the crystal used (see Section 8.2, Crystal Selection). Terminal 5 has an internal 10-k
Ω (nominal value)
pulldown resistor. An external clock input can be connected to the XI terminal. When using an external
clock input, the XO terminal must be left unconnected. Refer to Section 9.7 for the operating
characteristics of the XI terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com