Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 15 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 11Page - Texas Instruments TSB43AB21 Datasheet HTML 12Page - Texas Instruments TSB43AB21 Datasheet HTML 13Page - Texas Instruments TSB43AB21 Datasheet HTML 14Page - Texas Instruments TSB43AB21 Datasheet HTML 15Page - Texas Instruments TSB43AB21 Datasheet HTML 16Page - Texas Instruments TSB43AB21 Datasheet HTML 17Page - Texas Instruments TSB43AB21 Datasheet HTML 18Page - Texas Instruments TSB43AB21 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 109 page
background image
2–3
Table 2–1. Signals Sorted by Terminal Number
NO.
TERMINAL NAME
NO.
TERMINAL NAME
NO.
TERMINAL NAME
NO.
TERMINAL NAME
1
AVDD
33
DGND
65
PCI_AD13
97
PC2
2
AVDD
34
PCI_C/BE3
66
PCI_AD12
98
PC1
3
FILTER0
35
VDDP
67
PCI_AD11
99
PC0
4
FILTER1
36
PCI_IDSEL
68
DGND
100
DVDD
5
XI
37
PCI_AD23
69
PCI_AD10
101
TEST3
6
XO
38
PCI_AD22
70
PCI_AD9
102
TEST2
7
PLLVDD
39
DVDD
71
PCI_AD8
103
DGND
8
PLLGND
40
PCI_AD21
72
DVDD
104
TEST1
9
REG_EN
41
PCI_AD20
73
PCI_C/BE0
105
TEST0
10
TEST17
42
PCI_AD19
74
PCI_AD7
106
CPS
11
TEST16
43
PCI_AD18
75
DGND
107
AVDD
12
PCI_CLKRUN
44
DGND
76
PCI_AD6
108
AVDD
13
PCI_INTA/CINT
45
PCI_AD17
77
PCI_AD5
109
AGND
14
G_RST
46
PCI_AD16
78
VDDP
110
AGND
15
DVDD
47
PCI_C/BE2
79
PCI_AD4
111
AGND
16
PCI_CLK
48
VDDP
80
PCI_AD3
112
TPB0–
17
DGND
49
PCI_FRAME
81
PCI_AD2
113
TPB0+
18
PCI_GNT
50
PCI_IRDY
82
PCI_AD1
114
TPA0–
19
PCI_REQ
51
DVDD
83
DGND
115
TPA0+
20
VDDP
52
PCI_TRDY
84
PCI_AD0
116
TPBIAS0
21
PCI_PME/CSTSCHG
53
PCI_DEVSEL
85
PCI_RST
117
AGND
22
PCI_AD31
54
PCI_STOP
86
CYCLEOUT/CARDBUS
118
R0
23
DGND
55
DGND
87
CYCLEIN
119
R1
24
PCI_AD30
56
PCI_PERR
88
DVDD
120
AVDD
25
PCI_AD29
57
PCI_SERR
89
GPIO3
121
NC
26
PCI_AD28
58
PCI_PAR
90
GPIO2
122
NC
27
DVDD
59
DVDD
91
SCL
123
NC
28
PCI_AD27
60
PCI_C/BE1
92
SDA
124
NC
29
PCI_AD26
61
PCI_AD15
93
REG18
125
NC
30
REG18
62
VDDP
94
TEST9
126
AGND
31
PCI_AD25
63
PCI_AD14
95
TEST8
127
AGND
32
PCI_AD24
64
DGND
96
CNA
128
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com