Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 80 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 76Page - Texas Instruments TSB43AB21 Datasheet HTML 77Page - Texas Instruments TSB43AB21 Datasheet HTML 78Page - Texas Instruments TSB43AB21 Datasheet HTML 79Page - Texas Instruments TSB43AB21 Datasheet HTML 80Page - Texas Instruments TSB43AB21 Datasheet HTML 81Page - Texas Instruments TSB43AB21 Datasheet HTML 82Page - Texas Instruments TSB43AB21 Datasheet HTML 83Page - Texas Instruments TSB43AB21 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
4–39
4.42 Isochronous Transmit Context Control Register
The isochronous transmit context control set/clear register controls options, state, and status for the isochronous
transmit DMA contexts. The n value in the following register addresses indicates the context number (n = 0, 1, 2, 3,
…, 7). See Table 4–33 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous transmit context control
Type
RSCU
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous transmit context control
Type
RSC
R
R
RSU
RU
RU
R
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
X
0
0
0
0
X
X
X
X
X
X
X
X
Register:
Isochronous transmit context control
Offset:
200h + (16 * n)
set register
204h + (16 * n)
clear register
Type:
Read/Set/Clear/Update, read/set/clear, read/set/update, read/update, read-only
Default:
XXXX X0XXh
Table 4–33. Isochronous Transmit Context Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
cycleMatchEnable
RSCU
When bit 31 is set to 1, processing occurs such that the packet described by the context first
descriptor block is transmitted in the cycle whose number is specified in the cycleMatch field
(bits 30–16). The cycleMatch field (bits 30–16) must match the low-order two bits of cycleSeconds
and the 13-bit cycleCount field in the cycle start packet that is sent or received immediately before
isochronous transmission begins. Since the isochronous transmit DMA controller may work ahead,
the processing of the first descriptor block may begin slightly in advance of the actual cycle in which
the first packet is transmitted.
The effects of this bit, however, are impacted by the values of other bits in this register and are
explained in the 1394 Open Host Controller Interface Specification. Once the context has become
active, hardware clears this bit.
30–16
cycleMatch
RSC
This field contains a 15-bit value, corresponding to the low-order two bits of the isochronous cycle
timer register at OHCI offset F0h (see Section 4.34, Isochronous Cycle Timer Register)
cycleSeconds field (bits 31–25) and the cycleCount field (bits 24–12). If bit 31 (cycleMatchEnable)
is set to 1, this isochronous transmit DMA context becomes enabled for transmits when the low-order
two bits of the isochronous cycle timer register at OHCI offset F0h cycleSeconds field (bits 31–25)
and the cycleCount field (bits 24–12) value equal this field (cycleMatch) value.
15
run
RSC
Bit 15 is set to 1 by software to enable descriptor processing for the context and cleared by software
to stop descriptor processing. The TSB43AB21 device changes this bit only on a system (hardware)
or software reset.
14–13
RSVD
R
Reserved. Bits 14 and 13 return 0s when read.
12
wake
RSU
Software sets bit 12 to 1 to cause the TSB43AB21 device to continue or resume descriptor
processing. The TSB43AB21 device clears this bit on every descriptor fetch.
11
dead
RU
The TSB43AB21 device sets bit 11 to 1 when it encounters a fatal error, and clears the bit when
software clears bit 15 (run) to 0.
10
active
RU
The TSB43AB21 device sets bit 10 to 1 when it is processing descriptors.
9–8
RSVD
R
Reserved. Bits 9 and 8 return 0s when read.
7–5
spd
RU
This field in not meaningful for isochronous transmit contexts.
4–0
event code
RU
Following an OUTPUT_LAST* command, the error code is indicated in this field. Possible values are:
ack_complete, evt_descriptor_read, evt_data_read, and evt_unknown.
† On an overflow for each running context, the isochronous transmit DMA supports up to 7 cycle skips, when the following are true:
1. Bit 11 (dead) in either the isochronous transmit or receive context control register is set to 1.
2. Bits 4–0 (eventcode field) in either the isochronous transmit or receive context control register is set to evt_timeout.
3. Bit 24 (unrecoverableError) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21, Interrupt Event Register) is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com