Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 29Page - Texas Instruments TSB43AB21 Datasheet HTML 30Page - Texas Instruments TSB43AB21 Datasheet HTML 31Page - Texas Instruments TSB43AB21 Datasheet HTML 32Page - Texas Instruments TSB43AB21 Datasheet HTML 33Page - Texas Instruments TSB43AB21 Datasheet HTML 34Page - Texas Instruments TSB43AB21 Datasheet HTML 35Page - Texas Instruments TSB43AB21 Datasheet HTML 36Page - Texas Instruments TSB43AB21 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
3–12
3.15 Interrupt Line and Pin Register
The interrupt line and pin register communicates interrupt line routing information. See Table 3–13 for a complete
description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Interrupt line and pin
Type
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
Register:
Interrupt line and pin
Offset:
3Ch
Type:
Read/Write
Default:
0100h
Table 3–13. Interrupt Line and Pin Registers Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15–8
INTR_PIN
R
Interrupt pin. This field returns 01h when read, indicating that the TSB43AB21 PCI function signals
interrupts on the PCI_INTA terminal.
7–0
INTR_LINE
R/W
Interrupt line. This field is programmed by the system and indicates to software which interrupt line the
TSB43AB21 PCI_INTA is connected to.
3.16 MIN_GNT and MAX_LAT Register
The MIN_GNT and MAX_LAT register communicates to the system the desired setting of bits 15–8 in the latency timer
and class cache line size register at offset 0Ch in the PCI configuration space (see Section 3.7, Latency Timer and
Class Cache Line Size Register). If a serial EEPROM is detected, the contents of this register are loaded through
the serial EEPROM interface after a G_RST. If no serial EEPROM is detected, this register returns a default value
that corresponds to the MAX_LAT = 4, MIN_GNT = 2. See Table 3–14 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
MIN_GNT and MAX_LAT
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
1
0
0
0
0
0
0
0
0
1
0
Register:
MIN_GNT and MAX_LAT
Offset:
3Eh
Type:
Read/Update
Default:
0402h
Table 3–14. MIN_GNT and MAX_LAT Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15–8
MAX_LAT
RU
Maximum latency. The contents of this field may be used by host BIOS to assign an arbitration priority level
to the TSB43AB21 device. The default for this register indicates that the TSB43AB21 device may need to
access the PCI bus as often as every 0.25
µs; thus, an extremely high priority level is requested. The
contents of this field may also be loaded through the serial EEPROM.
7–0
MIN_GNT
RU
Minimum grant. The contents of this field may be used by host BIOS to assign a latency timer register value
to the TSB43AB21 device. The default for this register indicates that the TSB43AB21 device may need to
sustain burst transfers for nearly 64
µs and thus request a large value be programmed in bits 15–8 of the
TSB43AB21 latency timer and class cache line size register at offset 0Ch in the PCI configuration space
(see Section 3.7, Latency Timer and Class Cache Line Size Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com