Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 16 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 12Page - Texas Instruments TSB43AB21 Datasheet HTML 13Page - Texas Instruments TSB43AB21 Datasheet HTML 14Page - Texas Instruments TSB43AB21 Datasheet HTML 15Page - Texas Instruments TSB43AB21 Datasheet HTML 16Page - Texas Instruments TSB43AB21 Datasheet HTML 17Page - Texas Instruments TSB43AB21 Datasheet HTML 18Page - Texas Instruments TSB43AB21 Datasheet HTML 19Page - Texas Instruments TSB43AB21 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
2–4
Table 2–2. Signal Names Sorted Alphanumerically to Terminal Number
TERMINAL NAME
NO.
TERMINAL NAME
NO.
TERMINAL NAME
NO.
TERMINAL NAME
NO.
AGND
109
DVDD
88
PCI_AD17
45
PCI_SERR
57
AGND
110
DVDD
100
PCI_AD18
43
PCI_STOP
54
AGND
111
FILTER0
3
PCI_AD19
42
PCI_TRDY
52
AGND
117
FILTER1
4
PCI_AD20
41
PLLGND
8
AGND
126
GPIO2
90
PCI_AD21
40
PLLVDD
7
AGND
127
GPIO3
89
PCI_AD22
38
REG_EN
9
AGND
128
G_RST
14
PCI_AD23
37
REG18
30
AVDD
1
NC
121
PCI_AD24
32
REG18
93
AVDD
2
NC
122
PCI_AD25
31
R0
118
AVDD
107
NC
123
PCI_AD26
29
R1
119
AVDD
108
NC
124
PCI_AD27
28
SCL
91
AVDD
120
NC
125
PCI_AD28
26
SDA
92
CNA
96
PC0
99
PCI_AD29
25
TEST0
105
CPS
106
PC1
98
PCI_AD30
24
TEST1
104
CYCLEIN
87
PC2
97
PCI_AD31
22
TEST2
102
CYCLEOUT/CARDBUS
86
PCI_AD0
84
PCI_C/BE0
73
TEST3
101
DGND
17
PCI_AD1
82
PCI_C/BE1
60
TEST8
95
DGND
23
PCI_AD2
81
PCI_C/BE2
47
TEST9
94
DGND
33
PCI_AD3
80
PCI_C/BE3
34
TEST16
11
DGND
44
PCI_AD4
79
PCI_CLK
16
TEST17
10
DGND
55
PCI_AD5
77
PCI_CLKRUN
12
TPA0–
114
DGND
64
PCI_AD6
76
PCI_DEVSEL
53
TPA0+
115
DGND
68
PCI_AD7
74
PCI_FRAME
49
TPB0–
112
DGND
75
PCI_AD8
71
PCI_GNT
18
TPB0+
113
DGND
83
PCI_AD9
70
PCI_IDSEL
36
TPBIAS0
116
DGND
103
PCI_AD10
69
PCI_INTA/CINT
13
VDDP
20
DVDD
15
PCI_AD11
67
PCI_IRDY
50
VDDP
35
DVDD
27
PCI_AD12
66
PCI_PAR
58
VDDP
48
DVDD
39
PCI_AD13
65
PCI_PERR
56
VDDP
62
DVDD
51
PCI_AD14
63
PCI_PME/CSTSCHG
21
VDDP
78
DVDD
59
PCI_AD15
61
PCI_REQ
19
XI
5
DVDD
72
PCI_AD16
46
PCI_RST
85
XO
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com