Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21 Datasheet(PDF) 92 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 88Page - Texas Instruments TSB43AB21 Datasheet HTML 89Page - Texas Instruments TSB43AB21 Datasheet HTML 90Page - Texas Instruments TSB43AB21 Datasheet HTML 91Page - Texas Instruments TSB43AB21 Datasheet HTML 92Page - Texas Instruments TSB43AB21 Datasheet HTML 93Page - Texas Instruments TSB43AB21 Datasheet HTML 94Page - Texas Instruments TSB43AB21 Datasheet HTML 95Page - Texas Instruments TSB43AB21 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
7–1
7 PHY Register Configuration
There are 16 accessible internal registers in the TSB43AB21 device. The configuration of the registers at addresses
0h through 7h (the base registers) is fixed, whereas the configuration of the registers at addresses 8h through Fh (the
paged registers) is dependent upon which one of eight pages, numbered 0h through 7h, is currently selected. The
selected page is set in base register 7h.
7.1
Base Registers
Table 7–1 shows the configuration of the base registers, and Table 7–2 shows the corresponding field descriptions.
The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved in the following register configuration tables) is read as 0,
but is subject to future usage. All registers in address pages 2 through 6 are reserved.
Table 7–1. Base Register Configuration
ADDRESS
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Reserved
Total_Ports (0001b)
0011
Max_Speed (010b)
Reserved
Delay (0000b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
Watchdog
ISBR
Loop
Pwr_fail
Timeout
Port_event
Enab_accel
Enab_multi
0110
Reserved
0111
Page_Select
Reserved
Port_Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com