Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 101 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 101 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 94Page - SMSC Corporation CAP1114 Datasheet HTML 95Page - SMSC Corporation CAP1114 Datasheet HTML 96Page - SMSC Corporation CAP1114 Datasheet HTML 97Page - SMSC Corporation CAP1114 Datasheet HTML 98Page - SMSC Corporation CAP1114 Datasheet HTML 99Page - SMSC Corporation CAP1114 Datasheet HTML 100Page - SMSC Corporation CAP1114 Datasheet HTML 101Page - SMSC Corporation CAP1114 Datasheet HTML 102Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
101
Revision 1.1 (02-04-11)
DATASHEET
Chapter 8 Datasheet Revision History
Table 8.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.1 (02-04-11)
Cover
RightTouch logo added.
Features
Added: “Proximity detection” under “Capacitive
Touch Inputs”
Section 6.35, "Proximity
Control Register"
Modified CS1_PROX and PROX_SUM
descriptions
Chapter 1, Delta from
CAP1014 to CAP1114
Added delta chapter
Table 3.2, "Electrical
Specifications"
Completed electrical specification values.
Changed Time to Communications (tCOMM) spec.
from 15ms max to 15ms typ and 20ms max.
Added drive frequency spec of 2kHz.
Figure 5.1, "System
Diagram for CAP1114"
Added resistors to LED lines.
Section 5.1, "Power States"
Description for DSLEEP recommended disabling
LEDs. Except for LED11, LEDs are driven to non-
actuated state with no PWM operations. Users can
decide whether to disable or not.
Section 6.1, "Main Status
Control Register"
Description for DSLEEP set to 1 said LEDs (except
LED11) are disabled. Instead, they are driven to
their programmed non-actuated state and no PWM
operations will be done.
Section 6.33, "Configuration
2 Register"
Renamed INV_LINK_POL to INV_LINK_TRAN. It
pertains to Linked LED Transition Controls.
Section 6.35, "Proximity
Control Register"
Added.
Section 6.43, "LED Output
Control Registers"
When LEDs are not linked to capacitive touch
sensor channels, LED behaviors can still be used.
A bit setting of 1 is activated.
Section 6.44, "LED Polarity
Registers"
Split second application note into three notes to
separate inverted versus non-inverted behavior
and raise the importance of the assumption of how
LEDs are connected. Added reference to system
diagram. Clarified description of bit settings.
LEDx_POL = 0 is inverted system, and LEDx_POL
= 1 is non-inverted system.
Table 6.64, "LED Polarity
Behavior"
Updated table to reflect actual behavior.
Section 6.45, "Linked LED
Transition Control
Registers"
Updated. These controls work with the
INV_LINK_TRAN bit (not polarity).
Section 6.46, "LED Mirror
Control"
Updated to clarify.
Section 6.48, "LED Behavior
Registers"
If an LED is not linked and breathing, it must be
unactuated for behavior changes to take effect.
Clarified explanation of how triggers start and stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com