Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 64 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 60Page - SMSC Corporation CAP1114 Datasheet HTML 61Page - SMSC Corporation CAP1114 Datasheet HTML 62Page - SMSC Corporation CAP1114 Datasheet HTML 63Page - SMSC Corporation CAP1114 Datasheet HTML 64Page - SMSC Corporation CAP1114 Datasheet HTML 65Page - SMSC Corporation CAP1114 Datasheet HTML 66Page - SMSC Corporation CAP1114 Datasheet HTML 67Page - SMSC Corporation CAP1114 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
64
SMSC CAP1114
DATASHEET
Note 6.1
Recalibration Samples refers to the number of samples that are measured and averaged
before the Base Count is updated.
Note 6.2
Update Time refers to the amount of time (in polling cycle periods) that elapses before the
Base Count is updated.
6.28
Sensor Threshold Registers
The Sensor Threshold Registers store the delta threshold that is used to determine if a touch has been
detected. When a touch occurs, the input signal of the corresponding sensor changes due to the
Table 6.39 CAL_CFG Bit Decode
CAL_CFG[2:0]
RECALIBRATION
SAMPLES (SEE
Note 6.1)
UPDATE TIME (SEE
Note 6.2)
21
0
0
0
0
16
16
00
1
32
32
01
0
64
64
0
1
1
256
256 (default)
1
0
0
256
1024
1
0
1
256
2048
1
1
0
256
4096
1
1
1
256
7936
Table 6.40 Sensor Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
Sensor 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor 3
Threshold
-64
32
16
8
4
2
1
40h
33h
R/W
Sensor 4
Threshold
-64
32
16
8
4
2
1
40h
34h
R/W
Sensor 5
Threshold
-64
32
16
8
4
2
1
40h
35h
R/W
Sensor 6
Threshold
-64
32
16
8
4
2
1
40h
36h
R/W
Sensor 7
Threshold
-64
32
16
8
4
2
1
40h
37h
R/W
Group
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com