Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 41 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 37Page - SMSC Corporation CAP1114 Datasheet HTML 38Page - SMSC Corporation CAP1114 Datasheet HTML 39Page - SMSC Corporation CAP1114 Datasheet HTML 40Page - SMSC Corporation CAP1114 Datasheet HTML 41Page - SMSC Corporation CAP1114 Datasheet HTML 42Page - SMSC Corporation CAP1114 Datasheet HTML 43Page - SMSC Corporation CAP1114 Datasheet HTML 44Page - SMSC Corporation CAP1114 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
41
Revision 1.1 (02-04-11)
DATASHEET
6.1
Main Status Control Register
The Main Status and Control Register controls the primary power state of the device.
Bit 6 - DEACT - Deactivates all sensor scanning and LED activity.
‘0’ - (default) - Sensor scanning is active and LEDs are functional.
‘1’ - All sensor scanning is disabled and all linked LEDs are disabled (see Section ). The only way
to restart scanning is to clear this bit. The status registers are automatically cleared and the INT
bit is cleared.
Bit 5 - SLEEP - Enables Sleep state by deactivating the LED activity and scanning those sensors
enabled via the Sleep Control register.
‘0’ (default) - Sensor scanning is active and LEDs are functional.
‘1’ - All LEDs are disabled (except LED11) and the Capacitive Touch Sensor scanning is limited to
the sensors set in the Sleep Channel Control register (see Section 6.22). The status registers will
not be cleared.
Bit 4 - DSLEEP - Enables the Deep Sleep state by deactivating all functions.
‘0’ (default) - Sensor scanning is active and LEDs are functional.
‘1’ - All sensor scanning is disabled. Except for LED11, all LEDs are driven to their programmed
non-actuated state and no PWM operations will be done. The device will return to its previous
power state when the ALERT pin is driven to its active level (see Section 5.7). The status registers
are automatically cleared and the INT bit is cleared. SMBus communications targeted at the
CAP1114 will bring the device out of deep sleep and automatically clear this bit.
Bit 1 - PWR_LED - Controls the output of LED11 based on the state of bits 5 and 4.
‘0’ (default) - The LED11 output is in the “inactive” or off state.
‘1’ - The LED11 output is active in one of the following conditions:
a. Both bits 4 and 5 are set to a logic ‘0’. The LED will behave as defined by the LED11_CTL
bits (see Section ).
b. Either bit 4 or bit 5 is set to a logic ‘1’. The LED will behave as defined by the LED11_ALT
bits (see Section ).
Bit 0 - INT - Indicates that there is an interrupt. This bit is only set if the ALERT pin has been asserted.
If a channel detects a press and its associated interrupt enable bit is set to a logic ‘0’, no action is
taken.
This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT pin will be deasserted
and all status registers will be cleared if the condition has been removed.
‘0’ - No interrupt pending.
‘1’ - A button press has been detected on one or more channels and the interrupt has been
asserted.
Table 6.2 Main Status Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R/W
Main Status
Control
-
DEACT
SLEEP
DSLEEP
-
-
PWR_
LED
INT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com