Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 68 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 64Page - SMSC Corporation CAP1114 Datasheet HTML 65Page - SMSC Corporation CAP1114 Datasheet HTML 66Page - SMSC Corporation CAP1114 Datasheet HTML 67Page - SMSC Corporation CAP1114 Datasheet HTML 68Page - SMSC Corporation CAP1114 Datasheet HTML 69Page - SMSC Corporation CAP1114 Datasheet HTML 70Page - SMSC Corporation CAP1114 Datasheet HTML 71Page - SMSC Corporation CAP1114 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
68
SMSC CAP1114
DATASHEET
Bit 7 - ACC_INT_EN - Enables the device to generate extra interrupts after an accelerated slide has
been detected.
‘0’ - The device will not generate extra interrupts during or after the slide has been detected.
‘1’ (default) - The device will generate extra interrupts after an accelerated slide is detected. The
number of extra interrupts generated will be proportional to the speed of the accelerated slide but
will not exceed the maximum number of extra interrupts as determined by the MAX_INT bits.
Bits 6-4 - MAX_INT[2:0] - (default 100b) Determine the maximum number of extra interrupts that will
be generated after a single slide (regardless of length). The variable “T” is the actual slide time and
the parameter SLIDE_TIME is set by bits [3:2] of this register.
Bits 3-2 - SLIDE_TIME[1:0] - (default 01b) - Determines how fast a slide must be to generate extra
interrupts. This is the maximum slide time that will result in extra interrupts being generated. If the slide
time is greater than SLIDE_TIME, no extra interrupts will be generated.
Bits 1 - 0 - RPT_SCALE[1:0] - (default 01b) - Determines how much to increase the Repeat Rate
based on slide speed. The slide speed is determined by counting how many sensors are touched in
approximately 100msec. The Repeat Rate is then increased various amounts based on the
RPT_SCALE parameter.
When read in Table 6.48, the repeat rate given is the number of measurement cycles between
interrupts generated.
Table 6.46 MAX_INT Bit Decode
MAX_INT[2:0]
MAX #
INTERRUPTS
# INTERRUPTS
FOR T < 1/2
SLIDE_TIME
# INTERRUPTS
FOR 1/2 < T <
3/4 SLIDE_TIME
# INTERRUPTS
FOR 3/4 < T <
FULL
SLIDE_TIME
21
0
00
0
0
0
0
0
00
1
1
1
0
0
01
0
2
2
1
0
01
1
3
3
1
0
10
0
4
4
2
1
10
1
5
5
2
1
11
0
6
6
3
1
11
1
7
7
3
1
Table 6.47 SLIDE_TIME Bit Decode
SLIDE_TIME[1:0]
APPROXIMATE SLIDE TIME (MSEC)
10
0
0
350
0
1
560 (default)
1
0
770
1
1
980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com