Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 77 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 73Page - SMSC Corporation CAP1114 Datasheet HTML 74Page - SMSC Corporation CAP1114 Datasheet HTML 75Page - SMSC Corporation CAP1114 Datasheet HTML 76Page - SMSC Corporation CAP1114 Datasheet HTML 77Page - SMSC Corporation CAP1114 Datasheet HTML 78Page - SMSC Corporation CAP1114 Datasheet HTML 79Page - SMSC Corporation CAP1114 Datasheet HTML 80Page - SMSC Corporation CAP1114 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
77
Revision 1.1 (02-04-11)
DATASHEET
6.41
LED / GPIO Output Type Register
The LED / GPIO Output Type Register controls the type of output for the LEDx / GPIOx pins that are
configured to operate as outputs. Each pin is controlled by a single bit.
Bit 7 - LED8_OT - Determines the output type of LED8.
‘0’ (default) - The LED8 / GPIO8 pin is an open-drain output with an external pull-up resistor. When
the appropriate bit is set to the “active” state (logic ‘1’), the pin will be driven low. Conversely, when
the bit is set to the “inactive” state (logic ‘0’), the pin will be left in a high-Z state and pulled high
via an external pull-up resistor.
‘1’ - The LEDx / GPIO8 pin is a push-pull output. When driving a logic ‘1’, the pin is driven high.
When driving a logic ‘0’, the pin is driven low.
Bit 6 - LED7_OT - Determines the output type of LED7.
Bit 5 - LED6_OT - Determines the output type of LED6.
Bit 4 - LED5_OT - Determines the output type of LED5.
Bit 3 - LED4_OT - Determines the output type of LED4.
Bit 2 - LED3_OT - Determines the output type of LED3.
Bit 1 - LED2_OT - Determines the output type of LED2.
Bit 0 - LED1_OT - Determines the output type of LED1.
6.42
GPIO Input Register
The GPIO Input Register reflects the state of the LEDx / GPIOx pins. These bits are updated whenever
the pin state changes regardless of the operation of the pin. If a LEDx / GPIOx pin is configured as
an input (see Section 6.40), when a pin changes states, the GPIOx_STS bit is set. If the corresponding
interrupt enable bit is also set, an interrupt will be asserted.
Table 6.60 LED / GPIO Output Type Register
ADDR
R/W
REGISTER
B7
B6B5B4B3
B2
B1
B0
DEFAULT
71h
R/W
LED / GPIO
Output Type
LED8_
OT
LED7_
OT
LED6_
OT
LED5_
OT
LED4_
OT
LED3_
OT
LED2_
OT
LED1_
OT
00h
Table 6.61 GPIO Input Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
72h
R
GPIO Input
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com