Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 47 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 43Page - SMSC Corporation CAP1114 Datasheet HTML 44Page - SMSC Corporation CAP1114 Datasheet HTML 45Page - SMSC Corporation CAP1114 Datasheet HTML 46Page - SMSC Corporation CAP1114 Datasheet HTML 47Page - SMSC Corporation CAP1114 Datasheet HTML 48Page - SMSC Corporation CAP1114 Datasheet HTML 49Page - SMSC Corporation CAP1114 Datasheet HTML 50Page - SMSC Corporation CAP1114 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
47
Revision 1.1 (02-04-11)
DATASHEET
6.10
Group Status Register
The Group Status Register indicates that one or more actions were detected on the Grouped sensors.
The detectable actions are described in Section 5.5 and Section 5.6.
Bit 7 - LID - Indicates that a Lid Closure Event has been detected. This bit is sticky. When it is set, it
will remain set until read. When a Lid Closure Event is detected, all new touches will be blocked.
Bit 6 - MULT - This bit is asserted if one or more touches are being blocked because greater than N
buttons are simultaneously pressed.
Bit 5 - RESET - Indicates that the device has exited the reset state. This bit may be set via a power
on reset or upon release of the RESET pin. When it is set, it will remain set until read.
Bit 3 - UP - Indicates that a slide was detected on increasing sensors (i.e. Sensor 8 -> Sensor 9 ->
Sensor 10) or on CS14 when the Grouped sensors are ungrouped. This bit is also set if a touch (tap
or press and hold event) is detected on the “Up” portion of the slider. If the Group auto-repeat is
enabled, the ALERT pin will be periodically asserted while a slide or press and hold event is detected.
This bit will be cleared when read and re-set when another interrupt is generated. This bit is cleared
automatically if the DOWN bit is set.
Bit 2 - DOWN - Indicates that a slide was detected on decreasing sensors (i.e. Sensor 14 -> Sensor
13 -> Sensor 12) or on CS8 when the Grouped sensors are ungrouped. This bit is also set if a touch
(tap or press and hold event) is detected on the “Down” portion of the slider. If the Group auto-repeat
is enabled, the ALERT pin will be periodically asserted while a slide or press and hold event is
detected. This bit will be cleared when read and re-set when another interrupt is generated. This bit
is automatically cleared if the UP bit is set.
Bit 1 - TAP - Indicates that a tap was detected on one of the sensors within the Group. The relative
position of the tap is indicated by the UP and DOWN bits so that a tap on the “UP” side of the group
will assert the UP bit as well as the TAP bit. If the tap event is detected in the “center” of the slider
that is neither “UP” nor “DOWN”, the bit will be set; however, no interrupt will be generated. This bit
is sticky and will remain set until read.
Bit 0 - PH - Indicates that a press and hold event was detected on one of the sensors within the Group.
the relative position of the press is indicated by the UP and DOWN bits so a touch and hold on the
“UP” side of the group will assert the UP bit as well as the PH bit. If the press and hold event is
detected in the “center” of the slider that is neither “UP” nor “DOWN”, the bit will be set; however, no
interrupt will be generated. This bit is sticky and will remain set until read. If the condition is still
present, this bit will be re-set when the interrupt is generated.
6.11
Sensor Delta Count Registers
Table 6.12 Group Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
R-C
Group Status
LID
MULT
RESET
-
UP
DOWN
TAP
PH
00h
Table 6.13 Sensor Delta Count Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
10h
R
Sensor 1 Delta
Count
Sign
64
32
16
8
4
2
1
00h
11h
R
Sensor 2 Delta
Count
Sign
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com