Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 93 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 93 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 89Page - SMSC Corporation CAP1114 Datasheet HTML 90Page - SMSC Corporation CAP1114 Datasheet HTML 91Page - SMSC Corporation CAP1114 Datasheet HTML 92Page - SMSC Corporation CAP1114 Datasheet HTML 93Page - SMSC Corporation CAP1114 Datasheet HTML 94Page - SMSC Corporation CAP1114 Datasheet HTML 95Page - SMSC Corporation CAP1114 Datasheet HTML 96Page - SMSC Corporation CAP1114 Datasheet HTML 97Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
93
Revision 1.1 (02-04-11)
DATASHEET
The Direct behavior operation is shown determined by the combination of programmed Rise Time, Fall
Time, and Off Delay as shown in Figure 6.5 (non-inverted polarity LEDx_POL = 1) and Figure 6.6
(inverted polarity LEDx_POL = 0).
10
0
2.0s
10
1
3.0s
11
0
4.0s
11
1
5.0s
Figure 6.5 Direct Behavior for Non-Inverted Polarity
Figure 6.6 Direct Behavior for Inverted Polarity
Table 6.81 Off Delay Settings (continued)
DIR_OFF_DLY [2:0
OFF DELAY
TOFF_DLY
21
0
Normal –
untouched
operation
RISE_RATE
Setting (tRISE)
(100% - Max Duty
Cycle) * Brightness
Touch
Detected
Release
Detected
Off Delay
(tOFF_DLY)
FALL_RATE
Setting (tFALL)
Normal –
untouched
operation
(100% - Min Duty Cycle) *
Brightness
LED
Brightness
Normal –
untouched
operation
RISE_RATE
Setting (tRISE)
Min Duty Cycle * Brightness
Touch
Detected
Release
Detected
Off Delay
(tOFF_DLY)
FALL_RATE
Setting (tFALL)
Normal –
untouched
operation
Max Duty Cycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com