Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 78 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 74Page - SMSC Corporation CAP1114 Datasheet HTML 75Page - SMSC Corporation CAP1114 Datasheet HTML 76Page - SMSC Corporation CAP1114 Datasheet HTML 77Page - SMSC Corporation CAP1114 Datasheet HTML 78Page - SMSC Corporation CAP1114 Datasheet HTML 79Page - SMSC Corporation CAP1114 Datasheet HTML 80Page - SMSC Corporation CAP1114 Datasheet HTML 81Page - SMSC Corporation CAP1114 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
78
SMSC CAP1114
DATASHEET
6.43
LED Output Control Registers
The LED Output Control Registers control the output state of the LED pins when they are configured
as outputs (see Section 6.40, "LED / GPIO Direction Register"). When these bits are set, the drive of
the pin is determined by the output type and the polarity controls (see Section 6.41, "LED / GPIO
Output Type Register" and Section 6.44, "LED Polarity Registers").
The LED Polarity Control register will determine the non actuated state of the LED pins. The actuated
LED behavior is determined by the LED behavior controls (see Section , "").
6.43.1
LED Output Control 1
Bit 7 - LED8_DR - Determines whether the LED8 output is driven high or low. This LED cannot be
linked to a Capacitive Touch Sensor.
‘0’ (default) - The LED8 output is driven at the minimum duty cycle or is not actuated.
‘1’ - The LED8 output is high-Z or driven at the maximum duty cycle or is actuated.
Bit 6 - LED7_DR - Determines whether LED7 output is driven high or low.
Bit 5 - LED6_DR - Determines whether LED6 output is driven high or low.
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
6.43.2
LED Output Control 2
Bit 2 - LED11_DR - Determines whether LED11 is driven high or low. This LED cannot be linked to a
Capacitive Touch Sensor.
‘0’ (default) - The LED11 output is driven at the minimum duty cycle or is not actuated
‘1’ - The LED11 output is high-Z or driven at the maximum duty cycle or is actuated.
Bit 1 - LED10_DR - Determines whether LED10 is driven high or low. If this LED is linked to the Group
of sensors, LED9 is automatically linked to the Group if sensors.
Bit 0 - LED9_DR - Determines whether LED9 is driven high or low.
Table 6.62 LED Output Control Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
73h
R/W
LED Output
Control 1
LED8_
DR
LED7_
DR
LED6_
DR
LED5_
DR
LED4_
DR
LED3_
DR
LED2_
DR
LED1_
DR
00h
74h
R/W
LED Output
Control 2
LED11_
DR
LED10_
DR
LED9_
DR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com