Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 16 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 12Page - SMSC Corporation CAP1114 Datasheet HTML 13Page - SMSC Corporation CAP1114 Datasheet HTML 14Page - SMSC Corporation CAP1114 Datasheet HTML 15Page - SMSC Corporation CAP1114 Datasheet HTML 16Page - SMSC Corporation CAP1114 Datasheet HTML 17Page - SMSC Corporation CAP1114 Datasheet HTML 18Page - SMSC Corporation CAP1114 Datasheet HTML 19Page - SMSC Corporation CAP1114 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
16
SMSC CAP1114
DATASHEET
Time to First
Conversion
tCONV
400
500
ms
Time from power applied to first
sensor sampled
Capacitive Touch Sensor
Base Capacitance
CBASE
5
15
50
pF
Pad untouched
Detectable
Capacitive Shift
ΔC
TOUCH
0.1
0.4
2
pF
Pad touched
Sample Time
tTOUCH
2.5
ms
Update Time
Δt
TOUCH
35
ms
Recalibration Interval
Δt
CAL
8s
Automatic Recalibration active,
no touch active, default settings
LED / GPIO Drivers (LED / GPIO 1 - 8)
Duty Cycle
DUTYLED
0
100
%
Programmable
Drive Frequency
fLED
2kHz
Sinking Current
ISINK
24
mA
VOL = 0.4
Sourcing Current
ISOURCE
24
mA
VOH = VDD - 0.4
Input High Voltage
VIH
2.0
V
LED / GPIO configured as input
Input Low Voltage
VIL
0.8
V
LED / GPIO configured as input
LED Drivers (LED 9 - LED 10)
Duty Cycle
DUTYLED
0
100
%
Programmable
Drive Frequency
fLED
2kHz
Sinking Current
ISINK
24
mA
Output Low Voltage
VOL
0.4
V
ISINK = 24mA
LED11 Driver
Duty Cycle
DUTYLED
0
100
%
Programmable
Drive Frequency
fLED
2kHz
Sinking Current
ISINK
48
mA
Output Low Voltage
VOL
0.4
V
ISINK = 48mA
I/O Pins - SMDATA, SMCLK, and ALERT Pins
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8mA
Output High Voltage
VOH
VDD -
0.4
V
ALERT pin active high and
asserted
ISOURCE_IO = 8mA
Input High Voltage
VIH
2.0
V
Table 3.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, TA = -40°C to 125°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com