Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 42 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 38Page - SMSC Corporation CAP1114 Datasheet HTML 39Page - SMSC Corporation CAP1114 Datasheet HTML 40Page - SMSC Corporation CAP1114 Datasheet HTML 41Page - SMSC Corporation CAP1114 Datasheet HTML 42Page - SMSC Corporation CAP1114 Datasheet HTML 43Page - SMSC Corporation CAP1114 Datasheet HTML 44Page - SMSC Corporation CAP1114 Datasheet HTML 45Page - SMSC Corporation CAP1114 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
42
SMSC CAP1114
DATASHEET
6.2
Button Status Registers
The Button Status Registers store status bits that indicate a button press has been detected. A value
of ‘0’ in any bit indicates that no button press has been detected. A value of ‘1’ in any bit indicates
that a button press has been detected.
All status bits are cleared when the device enters the Deep Sleep or Inactive states (DSLEEP = ‘1’ or
DEACT = ‘1’ - see Section 6.1). All status bits are cleared when the INT bit is cleared and if a touch
on the respective Capacitive Touch Sensor is no longer present. If a touch is still detected, the bits will
not be cleared (but this will not cause the interrupt to be asserted - see Section 6.14)
APPLICATION NOTE: When the Button Status 1 Register is read, the Group Status register will be automatically
cleared. Therefore, the Group Status register should be read prior to reading the Button
Status Registers
6.2.1
Button Status 1
Bit 7 - UP - Indicates that a slide was detected on increasing sensors (i.e. Sensor 8 -> Sensor 9 ->
Sensor 10). This bit is also set if a press is detected on the “Up” portion of the slider. If the Group
auto-repeat is enabled, the ALERT pin will be periodically asserted while a slide or press and hold
event is still detected. This bit is sticky and will remain set until cleared. Once cleared, it will be re-set
when another interrupt is generated in the “UP” direction. This bit is automatically cleared if the DOWN
bit is set.
Bit 6 - DOWN - Indicates that a slide was detected on decreasing sensors (i.e. Sensor 14 -> Sensor
13-> Sensor 12). This bit is also set if a press is detected on the “Down” portion of the slider. If the
Group auto-repeat is enabled, the ALERT pin will be periodically asserted while a slide or press and
hold event is still detected. This bit is sticky and will remain set until cleared. Once cleared, it will be
re-set when another interrupt is generated in the “DOWN” direction. This bit is automatically cleared if
the UP bit is set.
Bit 5 - CS6 - Indicates that a press was detected on Sensor 6. This sensor can be linked to LED6.
‘0’ - A touch was not detected on the corresponding button.
‘1’ - A touch was detected on the corresponding button.
Bit 4 - CS5 - Indicates that a press was detected on Sensor 5. This sensor can be linked to LED5.
Bit 3 - CS4 - Indicates that a press was detected on Sensor 4. This sensor can be linked to LED4.
Bit 2 - CS3 - Indicates that a press was detected on Sensor 3. This sensor can be linked to LED3
Bit 1 - CS2 - Indicates that a press was detected on Sensor 2. This sensor can be linked to LED2.
Bit 0 - CS1 - Indicates that a press was detected on Sensor 1. This sensor can be linked to LED1.
Table 6.3 Button Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R
Button Status 1
UP
DOWN
CS6
CS5
CS4
CS3
CS2
CS1
00h
04h
R
Button Status 2
CS14
CS13
CS12
CS11
CS10
CS9
CS8
CS7
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com