Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 70 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 66Page - SMSC Corporation CAP1114 Datasheet HTML 67Page - SMSC Corporation CAP1114 Datasheet HTML 68Page - SMSC Corporation CAP1114 Datasheet HTML 69Page - SMSC Corporation CAP1114 Datasheet HTML 70Page - SMSC Corporation CAP1114 Datasheet HTML 71Page - SMSC Corporation CAP1114 Datasheet HTML 72Page - SMSC Corporation CAP1114 Datasheet HTML 73Page - SMSC Corporation CAP1114 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
70
SMSC CAP1114
DATASHEET
6.33
Configuration 2 Register
Bit 7 - INV_LINK_TRAN - Determines the behavior of the Linked LED Transition controls (see Section
6.45, "Linked LED Transition Control Registers").
‘0’ (default) - When set, the Linked LED Transition controls set the min duty cycle equal to the max
duty cycle.
‘1’ - When set, the Linked LED Transition controls will invert the touch signal. For example, a touch
signal will be inverted to a non-touched signal.
Bit 4 - BLK_POL_MIR - Determines whether the LED Mirror Control register bits are linked to the LED
Polarity bits.
‘0’ (default) - When the LED Polarity controls are set, the corresponding LED Mirror control is
automatically set. Likewise, when the LED Polarity controls are cleared, the corresponding LED
Mirror control is cleared.
‘1’ - When the LED Polarity controls are changed, the corresponding LED Mirror control is not
automatically changed.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only
input source.
‘0’ (default) - The Noise Status registers will show both RF noise and low frequency noise if either
is detected on a Capacitive Touch Sensor channel.
‘1’ - The Noise Status registers will only show RF noise if it is detected on a Capacitive Touch
Sensor channel. Generic noise will still be detected and touches will be blocked normally; however,
the status bits will not be updated.
Bit 2 - BLK_RF_NOISE - Blocks the analog RF noise detector from preventing touches.
‘0’ (default) - If RF noise is detected by the analog block, any pending touch is blocked on the
corresponding channel. During the analog calibration routine, RF Noise will cause it to retry. Note
that this does not require that Noise Status bits be set.
‘1’ - A touch is not blocked even if RF noise is detected. Likewise, the analog calibration routine
will not retry if RF noise is detected.
Bit 1 - VOL_UP_DOWN - Determines how the Grouped Sensors are to be used.
‘0’ (default) - The grouped sensors are used as a slider. All seven of the sensors are sampled
together and may disabled as a whole using the GP_EN (see Section 6.15) or GSLEEP (see
Section 6.22) controls or individually (using the Grouped Sensor Channel Enable register - see
Section 6.34). Alternately, each sensor may be disabled individually via the Group Sensor Channel
Enable register. They will use the Group Threshold settings for all touch detections.
‘1’ - The grouped sensors are used as separate sensors and are not grouped. They will behave
as follows:
1. Each sensor will flag individual interrupts when a touch is detected. They will set the
corresponding status bit in the Button Status 2 register.
2. The UP / DOWN, TAP, or PH status bits will not be set for CS9, CS10, CS11, CS12, or CS13.
No slide will be detected.
3. Each sensor will use the Group Threshold settings.
Table 6.50 Configuration 2 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Configuration
2
INV_
LINK_
TRAN
--
BLK_
POL_
MIR
SHOW_
RF_
NOISE
BLK_
RF_
NOISE
VOL_
UP_
DOWN
INT_
REL_n
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com