Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 81 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 81 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 77Page - SMSC Corporation CAP1114 Datasheet HTML 78Page - SMSC Corporation CAP1114 Datasheet HTML 79Page - SMSC Corporation CAP1114 Datasheet HTML 80Page - SMSC Corporation CAP1114 Datasheet HTML 81Page - SMSC Corporation CAP1114 Datasheet HTML 82Page - SMSC Corporation CAP1114 Datasheet HTML 83Page - SMSC Corporation CAP1114 Datasheet HTML 84Page - SMSC Corporation CAP1114 Datasheet HTML 85Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
81
Revision 1.1 (02-04-11)
DATASHEET
6.45
Linked LED Transition Control Registers
The Linked LED Transition Control Registers control the LED drive when the LED is linked to a
Capacitive Touch sensor. These controls work in conjunction INV_LINK_TRAN bit (see Section 6.33,
"Configuration 2 Register") to create smooth transitions from host control to linked LEDs.
6.45.1
Linked LED Transition Control 1 - 77h
Bit 6 - LED7_LTRAN - Determines the transition effect when LED7 is linked to CS7.
‘0’ (default) - When the LED output control bit for CS7 is ‘1’, and then CS7 is linked to LED7 and
no touch is detected, the LED will change states.
‘1’ - If the INV_LINK_TRAN bit is ‘1’, when the LED output control bit for CS7 is ‘1’, and then CS7
is linked to LED7 and no touch is detected, the LED will not change states. In addition, the LED
state will change when the sensor is touched. If the INV_LINK_TRAN bit is ‘0’, when the LED
output control bit for CS7 is ‘1’, and then CS7 is linked to LED7 and no touch is detected, the LED
will not change states. However, the LED state will not change when the sensor is touched.
APPLICATION NOTE: If the LED behavior is not “Direct” and the INV_LINK_TRAN bit it ‘0’, the LED will not perform
as expected when the LED7_LTRAN bit is set to ‘1’. Therefore, if breathe and pulse
behaviors are used, set the INV_LINK_TRAN bit to ‘1’.
Bit 5 - LED6_LTRAN - Determines the transition effect when LED6 is linked to CS6.
Bit 4 - LED5_LTRAN - Determines the transition effect when LED5 is linked to CS5.
Bit 3 - LED4_LTRAN - Determines the transition effect when LED4 is linked to CS4.
Bit 2 - LED3_LTRAN - Determines the transition effect when LED3 is linked to CS3.
Bit 1 - LED2_LTRAN - Determines the transition effect when LED2 is linked to CS2.
Bit 0 - LED1_LTRAN - Determines the transition effect when LED1 is linked to CS1.
6.45.2
Linked LED Transition Control 2 - 78h
Bit 1 - LED10_LTRAN - Determines the transition effect when LED10 is linked to the Grouped Sensors.
Bit 0 - LED9_LTRAN - Determines the transition effect when LED9 is linked to the Grouped Sensors.
Table 6.65 Linked LED Transition Control Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
77h
R/W
Linked LED
Transition Control 1
-
LED7_
LTRAN
LED6_
LTRAN
LED5_
LTRAN
LED4_
LTRAN
LED3_
LTRAN
LED2_
LTRAN
LED1_
LTRAN
00h
78h
R/W
Linked LED
Transition Control 2
--
-
-
-
-
LED10_
LTRAN
LED9_
LTRAN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com