Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 51 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 47Page - SMSC Corporation CAP1114 Datasheet HTML 48Page - SMSC Corporation CAP1114 Datasheet HTML 49Page - SMSC Corporation CAP1114 Datasheet HTML 50Page - SMSC Corporation CAP1114 Datasheet HTML 51Page - SMSC Corporation CAP1114 Datasheet HTML 52Page - SMSC Corporation CAP1114 Datasheet HTML 53Page - SMSC Corporation CAP1114 Datasheet HTML 54Page - SMSC Corporation CAP1114 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
51
Revision 1.1 (02-04-11)
DATASHEET
6.14
Configuration Register
The Configuration Register controls general global functionality that affects the entire device.
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
‘0’ (default) - The SMBus timeout and idle functionality are disabled. The SMBus interface will not
time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are
held high for longer than 150us. This is used for I2C compliance.
‘1’ - The SMBus timeout and idle functionality are enabled. The SMBus interface will time out if the
clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock lines
are held high for longer than 150us.
APPLICATION NOTE: The idle timeout does not apply to the Deep Sleep state. When the CAP1114 is operating in
Deep Sleep, if the host communicates with a device other than the CAP1114 and no stop bit
is set, the CAP1114 will not reset the protocol and, therefore, will not respond to
communications until a stop bit is sent.
Bit 6 - POS_VOL - Determines the behavior of the POS[6:0] status bits when a Grouped sensor is
activated - see Section 6.4.
‘0’ (default) - The POS[6:0] bits represent position information that indicates which sensor was
touched or the last sensor touched during a slide.
‘1’ - The POS[6:0] bits represent volumetric data. The Position / Volumetric Data register is read /
write.
Bit 5 - BLK_DIG_NOISE - Determines whether the noise threshold is checked when determining
whether to discard samples.
‘0’ - The noise threshold is enabled and checked. If a sample is above the noise threshold, it is not
included in the re-calibration routine.
‘1’ (default) - The noise threshold is disabled. No samples are excluded from the re-calibration
routine.
Bit 4 - BLK_ANA_NOISE - Determines whether the noise flag setting will block a touch detection as
well as the analog calibration routine.
‘0’ (default) If noise is detected on the low frequency noise detector, a touch is blocked on the
corresponding channel and will force the analog calibration routine to retry. Note that this does not
require the Noise Status register bits to be set.
‘1’ - A touch is not blocked if low frequency noise is detected. Likewise, the analog calibration
routine will not retry if the analog noise bit is set.
Bit 3 - MAX_DUR_EN_B - Determines whether the maximum duration recalibration is enabled for non-
grouped sensors.
‘0’ - The maximum duration recalibration functionality is disabled. A press may be held indefinitely
and no re-calibration will be performed on any button.
‘1’ (default) - The maximum duration recalibration functionality is enabled. If a press is held for
longer than the MAX_DUR_B bit settings, the re-calibration routine will be restarted (see
Section 6.16).
Table 6.19 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
TIME
OUT
POS_
VOL
BLK_
DIG_
NOISE
BLK_
ANA_
NOISE
MAX_
DUR_
EN_B
RPT_
EN_B
MAX_
DUR_
EN_G
RPT_
EN_G
29h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com