Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 91 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 91 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 87Page - SMSC Corporation CAP1114 Datasheet HTML 88Page - SMSC Corporation CAP1114 Datasheet HTML 89Page - SMSC Corporation CAP1114 Datasheet HTML 90Page - SMSC Corporation CAP1114 Datasheet HTML 91Page - SMSC Corporation CAP1114 Datasheet HTML 92Page - SMSC Corporation CAP1114 Datasheet HTML 93Page - SMSC Corporation CAP1114 Datasheet HTML 94Page - SMSC Corporation CAP1114 Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
91
Revision 1.1 (02-04-11)
DATASHEET
Bits 3 - 0 - LED_X_MIN_DUTY[3:0] - Determines the minimum PWM duty cycle for the LED drivers
as shown in Table 6.77.
6.54
LED Direct Ramp Rates Register
The LED Direct Ramp Rates Register control the rising and falling edge time of an LED that is
configured to operate in Direct behavior mode. The rising edge time corresponds to the amount of time
the LED takes to transition from its minimum duty cycle to its maximum duty cycle. Conversely, the
falling edge time corresponds to the amount of time that the LED takes to transition from its maximum
duty cycle to its minimum duty cycle.
Bits 5 - 3 - RISE_RATE[2:0] - Determines the rising edge time of an LED when it transitions from its
minimum drive state to its maximum drive state as shown in Table 6.79.
Table 6.77 LED Duty Cycle Decode
X_MAX/MIN_DUTY [3:0]
MAXIMUM DUTY
CYCLE
MINIMUM DUTY
CYCLE
32
1
0
0
0
0
0
7%
0%
0
0
0
1
9%
7%
00
1
0
11%
9%
00
1
1
14%
11%
0
1
0
0
17%
14%
0
1
0
1
20%
17%
0
1
1
0
23%
20%
0
1
1
1
26%
23%
1
0
0
0
30%
26%
1
0
0
1
35%
30%
1
0
1
0
40%
35%
1
0
1
1
46%
40%
1
1
0
0
53%
46%
1
1
0
1
63%
53%
1
1
1
0
77%
63%
1
1
1
1
100%
77%
Table 6.78 LED Direct Ramp Rates Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
94h
R/W
LED Direct
Ramp Rates
-
-
RISE_RATE[2:0]
FALL_RATE[2:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com